Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR9605SF Datasheet(PDF) 4 Page - International Rectifier

Part # OMR9605SF
Description  1 M Rad(Si) Ultra Low Dropout Adjustable Linear Regulator Hermetic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR9605SF Datasheet(HTML) 4 Page - International Rectifier

  OMR9605SF Datasheet HTML 1Page - International Rectifier OMR9605SF Datasheet HTML 2Page - International Rectifier OMR9605SF Datasheet HTML 3Page - International Rectifier OMR9605SF Datasheet HTML 4Page - International Rectifier OMR9605SF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.irf.com
OMR9605SC, OMR9605SF
1 2 3 4 5
Base
Base: GLIDCOP
Pins: Copper core, Alloy 52
Seals: Glass
Pin Connections
Terminal
Description
1
Vin
2
GND
3
Vout
4
Shutdown
5
Adjust
Base: 1010-1018 C.R.S.
Pins: #52 Alloy, Copper Cored
Seals: Glass – 9013 or Equiv.
Finish: 100-250 Microinches
Electroless Nickel Over 50-250
Microinches Electrolytic Nickel.
Pin Connections
Terminal
Description
1,2
GND
3
Shutdown
4
Adjust
5,6
Vout
7,8
Vin
Mechanical Outline MO-078AA
Mechanical Outline 8-Lead Flat Pack
0.755
0.745
0.755
0.745
0.225
0.305
0.295
0.105
0.095
0.020
0.016
0.180
0.165
8X
0.040
0.065
0.040
0.065
8X 0.080
0.070
8x
0.110
0.150
1 2 3 4
8 7 6 5


Similar Part No. - OMR9605SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR9601 ETC-OMR9601 Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
International Rectifier
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
List of Unclassifed Man...
OMR9601SCH ETC-OMR9601SCH Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
OMR9601SCK ETC-OMR9601SCK Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
International Rectifier
OMR9601SCK IRF-OMR9601SCK Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
More results

Similar Description - OMR9605SF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9604SC IRF-OMR9604SC Datasheet
131Kb / 5P
   1 M Rad(Si) Ultra Low Dropout Positive Adjustable Linear Regulator Hermetic Package
logo
List of Unclassifed Man...
OMR9601 ETC-OMR9601 Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
International Rectifier
OMR9807SC IRF-OMR9807SC Datasheet
146Kb / 5P
   200 Krad(Si) Ultra Low Dropout Linear Regulator Hermetic Package
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5810RH ANAREN-MSK5810RH Datasheet
1Mb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5821RH ANAREN-MSK5821RH Datasheet
297Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5824RH ANAREN-MSK5824RH Datasheet
495Kb / 8P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5805RH ANAREN-MSK5805RH Datasheet
1Mb / 11P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5900RH ANAREN-MSK5900RH Datasheet
715Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com