Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AD67 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3S-AD67
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD67 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3S-AD67 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 9Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
E3S-A
E3S-A
Engineering Data
s EXCESS GAIN RATIO
Excess Gain vs. Set Distance
(Typical) E3S-ATu1
E3S-ADu1, -ADu2 (Detection of
White Paper)
E3S-ADu1, -ADu2 (Detection of
Black Paper)
0
3
5
7
10
Distance (m)
Distance (cm)
0
20
40
60
80
100
120
Distance (cm)
020
40
60
80
Sensing object: black
(E3S-ADs
s2: 20 x 20 cm
E3S-ADs
s1: 10 x 10 cm)
E3S-ADs
s2
100
50
30
10
5
3
1
2.5
0.3
0.1
500
300
100
50
30
10
5
3
1
Sensing object: white
(E3S-ADs
s2: 20 x 20 cm
E3S-ADs
s1: 10 x 10 cm)
E3S-ADs
s2
E3S-ADs
s1
500
300
100
50
30
10
5
3
1
0.5
E3S-ADs
s1
E3S-ADu1, -ADu2 (White Paper within
Short Distance)
E3S-ADu1, -ADu2 (Black Paper within
Short Distance)
Sensing object: white
(E3S-ADs
s2: 20 x 20 cm
E3S-ADs
s1: 10 x 10 cm)
500
200
100
50
20
10
5
2
1
Sensing object: white
(E3S-ADs
s2: 20 x 20 cm
E3S-ADs
s1: 10 x 10 cm)
500
200
100
50
20
10
5
2
1
01
2
3
4
5
6
7
8
9
E3S-ADs
s2
E3S-ADs
s1
Distance (cm)
0
1
2
3
4
5
678
9
Distance (cm)
E3S-ADs
s2
E3S-ADs
s1
E3S-ADs
s3, -ADs
s8
(Detection of White Paper)
6
5
4
3
2
1
0
Sensing object: white
(E3S-ADs
s3/E3S-
ADs
s8: 10 x 10 cm)
Distance X (mm)
50
100
150
200
E3S-ARu1 (With Reflector: E39-R1)
20
40
60
80
100
Sensing object: black
(E3S-ADs
s3/E3S-
ADs
s8: 10 x 10 cm)
6
5
4
3
2
1
0
Distance X (mm)
E3S-ADs
s3, -ADs
s8
(Detection of Black Paper)
100
50
30
10
5
3
1
Distance (m)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6
Operating level


Similar Part No. - E3S-AD67

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD67 OMRON-E3S-AD67 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD67

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com