Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AD67 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3S-AD67
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD67 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3S-AD67 Datasheet HTML 1Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD67 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
E3S-A
E3S-A
NPN Cable Type with Self-Diagnostic Functions
Through-beam emitter E3S-AT21, E3S-AT71
Through-beam receiver E3S-AT21, E3S-AT71
Diffuse reflective E3S-AD21, E3S-AD22, E3S-AD71, E3S-AD72
10 to 30 VDC
Main
circuit
Grey (Pink)
Black (Blue)
0 V
Check
input
Red (Brown)
Light
(Red)
Stability
(Green)
Main
circuit
100 mA max.
50 mA max.
Load
(relay)
Black (Blue)
Self-diagnostic
output
(Orange)
White (Black)
Load
(relay)
10 to 30
VDC
Control
output
Z
D
Z
D
Red (Brown)
NPN Cable Type with Self-Diagnostic Functions
Retroreflective E3S-AR21, E3S-AR71
NPN Cable Type with Alarm Output
Diffuse reflective E3S-AD23, E3S-AD73
Main
circuit
Red (Brown)
Black (Blue)
10 to 30
VDC
Z
D
Light
(Red)
Stability
(Green)
Main
circuit
Red (Brown)
White (Black)
Control output
10 to 30
VDC
100 mA
max.
Load
Black (Blue) (relay)
Light
(Red)
Stability
(Green)
Main
circuit
100 mA max.
50 mA max.
Black (Blue)
(Orange)
White (Black)
10 to 30
VDC
Control
output
Z
D
Z
D
Red (Brown)
Alarm output
Load
(relay)
Load
(relay)
Z
D
Z
D
10 to 30
VDC
Orange
Check input
Black (Blue)
Self-diagnostic
output
50 mA
max.
12K
Light
(Red)
Stability
(Green)
Main
circuit
Red (Brown)
Load
(relay)
Load
(relay)
Control
output
White (Black)
Gray
(Pink)
100 mA max.
NOTE: IEC colors are shown in parentheses.
PNP Cable Type
Through-beam emitter E3S-AT31, E3S-AT81
Through-beam receiver E3S-AT31, E3S-AT81
Retroreflective E3S-AR31, E3S-AR81
Diffuse reflective E3S-AD31, E3S-AD32, E3S-AD33,
E3S-AD81, E3S-AD82, E3S-AD83
NPN Connector Type
Through-beam emitter
E3S-AT16, E3S-AT66
Through-beam receiver
E3S-AT16, E3S-AT66
Retroreflective E3S-AR16, E3S-AR66
Diffuse reflective E3S-AD16,
E3S-AD17, E3S-AD18, E3S-AD66,
E3S-AD67, E3S-AD68
Load
Output
(relay)


Similar Part No. - E3S-AD67

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD67 OMRON-E3S-AD67 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD67

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com