Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC16835DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AVC16835DGG
Description  18-bit registered driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16835DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  74AVC16835DGG Datasheet HTML 1Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 2Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 3Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 4Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Preliminary specification
74AVC16835
18-bit Registered Driver (3-State)
1999 Jul 23
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 55
NC
No connection
3, 5, 6, 8, 9, 10, 12, 13,
14, 15, 16, 17, 19, 20,
21, 23, 24, 26
Y0 to Y17
Data outputs
4, 11, 18, 25, 32, 39, 46,
53, 56
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
27
OE
Output enable input
(active LOW)
28
LE
Latch enable input
(active HIGH)
30
CP
Clock input
54, 52, 51, 49, 48, 47,
45, 44, 43, 42, 41, 40,
38, 37, 36, 34, 33, 31
A0 to A17
Data inputs
LOGIC SYMBOL
SH00138
CP
LE
D
OE
CP
LE
A0
Y0
TO THE 17 OTHER CHANNELS
LOGIC SYMBOL (IEEE/IEC)
1
1
30
28
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
3D
27
2C3
EN1
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
OE
CP
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
Y16
Y17
LE
C3
G2
SH00154
FUNCTION TABLE
INPUTS
OUTPUTS
OE
LE
CP
A
OUTPUTS
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
L
L
L
L
H
H
L
L
H
X
Y01
L
L
L
X
Y02
H
=
HIGH voltage level
L
=
LOW voltage level
X
=
Don’t care
Z
=
High impedance “off” state
=
LOW-to-HIGH level transition
NOTES:
1. Output level before the indicated steady-state input conditions
were established, provided that CP is high before LE goes low.
2. Output level before the indicated steady-state input conditions
were established.


Similar Part No. - 74AVC16835DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC16835DGGRE4 TI1-74AVC16835DGGRE4 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74AVC16835DGGRG4 TI1-74AVC16835DGGRG4 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AVC16835DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
   18-bit registered driver (3-State)
2002 Jun 05
74AVC16835A_5 PHILIPS-74AVC16835A_5_15 Datasheet
125Kb / 12P
   18-bit registered driver with Dynamic Controlled OutputsE (3-State)
2002 Mar 15
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74AVC16835A NEXPERIA-74AVC16835A Datasheet
236Kb / 15P
   18-bit registered driver with Dynamic Controlled Outputs 3-state
logo
NXP Semiconductors
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74AVCM162835 PHILIPS-74AVCM162835 Datasheet
97Kb / 10P
   18-bit registered driver with 15 ohm termination resistors 3-State
2001 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com