Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AD32 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3S-AD32
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD32 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3S-AD32 Datasheet HTML 1Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
E3S-A
E3S-A
Part number
E3S-ATuu
E3S-ARuu
E3S-ADu3,
E3S-ADu1,
E3S-ADu2,
E3S-ADu8
E3S-ADu6
E3S-ADu7
Sensitivity
Adjustable, 2-turn knob with clutch and indicator
Mutual interference
Not provided
Provided
Provided
Provided
Provided
protection
Control
Type
NPN transistor, open collector (E3S-Au1u, E3S-Au2u, E3S-Au6u, E3S-Au7u),
output
(E3S-AD1u, E3S-AD2u, E3S-AD6u, E3S-AD7u)
PNP transistor, open collector (E3S-Au3u, E3S-Au4u, E3S-Au8u, E3S-Au9u),
(E3S-AD3u, E3S-AD4u, E3S-AD8u, E3S-AD9u)
Max. load
100 mA max. at 30 VDC
Max.
1 VDC max. at 100 mA load current
ON-state
voltage drop
Self-diagnostics
50 mA max. load at 30 VDC, NPN or PNP transistor open collector to match control output
alarm output
Response time
0.5 ms max. ON, 0.5 ms max. OFF
OFF-delay timer
0 to 100 ms with 3/4 turn adjuster
Check
NPN
Light OFF: gray wire connected to 0 to1.5 VDC —
input
PNP
Light OFF: gray wire connected to supply
voltage (30 VDC max.)
Response
0.5 ms max.
0.5 ms max.
time
Circuit protection
Load short-circuit protection, reverse polarity protection
Indicators
Emitter:
Operation (red), Stability (green)
Operation (red)
Receiver:
Operation (red)
Stability (green)
Materials
Lens
Denatured polyarylate
Case
Polybutylene terephthalate (PBT)
Bracket
Stainless steel
Mounting
Either side surface with two threaded holes. Bracket E39-L69 for horizontal or E39-L70 for
vertical sensors and hardware included.
Connections Prewired
2 m (6.56 ft) long cable
Connector
M12 threaded connector, 4 pin
Weight
Prewired
Emitter:
60 g (2.1 oz.)
60 g (2.1 oz.)
60 g (2.1 oz.)
60 g (2.1 oz.)
60 g (2.1 oz.)
Receiver:
60 g (2.1 oz.)
Connector
Emitter:
11 g (0.4 oz.)
11 g (0.4 oz.)
11 g (0.4 oz.)
11 g (0.4 oz.)
11 g (0.4 oz.)
Receiver:
11 g (0.4 oz.)
Enclosure
IEC 144
IP67
rating
NEMA
4X, 6
Operating
-25
° to 55°C (-13° to 131°F) with no ice build-up
Storage
-40
° to 70°C (-40° to 158°F)
s OUTPUT CIRCUIT DIAGRAMS
NPN Cable Type
Through-beam emitter E3S-AT11, E3S-AT61
Through-beam receiver E3S-AT11, E3S-AT61
Retroreflective E3S-AR11, E3S-AR61
Diffuse reflective E3S-AD11, E3S-AD12, E3S-AD13, E3S-AD61,
E3S-AD62, E3S-AD63
Light
(Red)
Stability
(Green)
Main
circuit
Z
D
Black (Blue)
100 mA
max.
White (Black) (relay)
Load
10 to 30
VDC
Red (Brown)
Main
circuit
Black (Blue)
10 to 30
VDC
Red (Brown)
SPECIFICATIONS (continued)
Ambient
temperature
NOTE: IEC colors are shown in parentheses.


Similar Part No. - E3S-AD32

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD32 OMRON-E3S-AD32 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD32

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com