Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2717MT-ADJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2717MT-ADJ
Description  Dual Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717MT-ADJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2717MT-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2717MT-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions
Pin
Name
Function
1
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
2
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
3
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
4
FB1
Buck 1 output voltage feedback input.
5V
C1
Buck 1 compensation network connection. Connected to the output of the voltage error
amplifier.
6V
BG
Bandgap connection.
7V
C2
Buck 2 compensation network connection. Connected to the output of the voltage error
amplifier.
8
FB2
Buck 2 output voltage feedback input.
9
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
10
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
11
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
12
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
13
SW2
Buck 2 power switch input. Switch connected between V
IN pins and SW2 pin.
14
V
IN
Analog power input. All V
IN pins are internally connected and should be connected
together directly at the part.
15
V
IN
Analog power input. All V
IN pins are internally connected and should be connected
together directly at the part.
16
CB2
Buck 2 converter bootstrap capacitor connection.
17
SHDN2
Shutdown pin for Buck 2 converter. Active low.
18
SS2
Buck 2 soft start pin.
19
FSLCT
Switching frequency select input. Use a resistor to set the frequency anywhere between
300kHz and 600kHz.
20
SS1
Buck 1 soft start pin.
21
SHDN1
Shutdown pin for Buck 1 converter. Active low.
22
CB1
Buck 1 converter bootstrap capacitor connection.
23
V
IN
Analog power input. All V
IN pins are internally connected and should be connected
together directly at the part.
24
SW1
Buck 1 power switch input. Switch connected between V
IN pins and SW1 pin.
www.national.com
3


Similar Part No. - LM2717MT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717MT-ADJ NSC-LM2717MT-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717MT-ADJ/NOPB TI-LM2717MT-ADJ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
More results

Similar Description - LM2717MT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com