Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM100GB60DLC Datasheet(PDF) 5 Page - eupec GmbH

Part # BSM100GB60DLC
Description  IGBT-Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM100GB60DLC Datasheet(HTML) 5 Page - eupec GmbH

  BSM100GB60DLC Datasheet HTML 1Page - eupec GmbH BSM100GB60DLC Datasheet HTML 2Page - eupec GmbH BSM100GB60DLC Datasheet HTML 3Page - eupec GmbH BSM100GB60DLC Datasheet HTML 4Page - eupec GmbH BSM100GB60DLC Datasheet HTML 5Page - eupec GmbH BSM100GB60DLC Datasheet HTML 6Page - eupec GmbH BSM100GB60DLC Datasheet HTML 7Page - eupec GmbH BSM100GB60DLC Datasheet HTML 8Page - eupec GmbH BSM100GB60DLC Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM 100 GB 60 DLC
VGE [V]
VF [V]
0
20
40
60
80
100
120
140
160
180
200
5
6
7
8
9
10
11
12
13
Tvj = 25°C
Tvj = 125°C
Übertragungscharakteristik (typisch)
I C= f (VGE)
Transfer characteristic (typical)
VCE= 20V
0
20
40
60
80
100
120
140
160
180
200
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Tvj = 25°C
Tvj = 125°C
Durchlaßkennlinie der Inversdiode (typisch)
I F= f (VF)
Forward characteristic of inverse diode (typical)
5 (8)
BSM 100 GB 60 DLC
2000-02-08


Similar Part No. - BSM100GB60DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM100GB120DLC EUPEC-BSM100GB120DLC Datasheet
86Kb / 8P
   IGBT-Modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
   IGBT-Modules
logo
Siemens Semiconductor G...
BSM100GB120DN2 SIEMENS-BSM100GB120DN2 Datasheet
132Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
logo
eupec GmbH
BSM100GB120DN2 EUPEC-BSM100GB120DN2 Datasheet
227Kb / 11P
   IGBT Power Module
logo
Siemens Semiconductor G...
BSM100GB120DN2K SIEMENS-BSM100GB120DN2K Datasheet
114Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results

Similar Description - BSM100GB60DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com