Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD1615-3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILD1615-3
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel), 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1615-3 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILD1615-3 Datasheet HTML 1Page - Vishay Siliconix ILD1615-3 Datasheet HTML 2Page - Vishay Siliconix ILD1615-3 Datasheet HTML 3Page - Vishay Siliconix ILD1615-3 Datasheet HTML 4Page - Vishay Siliconix ILD1615-3 Datasheet HTML 5Page - Vishay Siliconix ILD1615-3 Datasheet HTML 6Page - Vishay Siliconix ILD1615-3 Datasheet HTML 7Page - Vishay Siliconix ILD1615-3 Datasheet HTML 8Page - Vishay Siliconix ILD1615-3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ILD1615/ ILQ1615
Document Number 82582
Rev. 1.5, 23-Mar-06
Vishay Semiconductors
www.vishay.com
5
Common Mode Transient Immunity
Turn-off time
IF = 20 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-1
ILQ1615-1
toff
18
µs
IF = 10 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-2
ILQ1615-2
toff
25
µs
ILD1615-3
ILQ1615-3
toff
25
µs
IF = 5.0 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-4
ILQ1615-4
toff
25
µs
Fall time
IF = 20 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-1
ILQ1615-1
tf
11
µs
IF = 10 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-2
ILQ1615-2
tf
14
µs
ILD1615-3
ILQ1615-3
tf
14
µs
IF = 5.0 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-4
ILQ1615-4
tf
15
µs
Propagation H-L
IF = 5.0 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-1
ILQ1615-1
tPHL
1.6
µs
ILD1615-2
ILQ1615-2
tPHL
2.6
µs
ILD1615-3
ILQ1615-3
tPHL
2.6
µs
ILD1615-4
ILQ1615-4
tPHL
5.4
µs
Propagation L-H
IF = 5.0 mA, VCC = 5.0 V, RL = 1.0 kΩ,
VHT 1.5 V
ILD1615-1
ILQ1615-1
tPLH
8.6
µs
ILD1615-2
ILQ1615-2
tPLH
7.2
µs
ILD1615-3
ILQ1615-3
tPLH
7.2
µs
ILD1615-4
ILQ1615-4
tPLH
7.4
µs
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Common mode rejection output
high
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 0 mA
CMH
5000
V/µs
Common mode rejection output
low
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 10 mA
CML
5000
V/µs
Common mode coupling
capacitance
CCM
0.01
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit


Similar Part No. - ILD1615-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
67Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD1 VISHAY-ILD1 Datasheet
174Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
logo
ISOCOM COMPONENTS
ILD1 ISOCOM-ILD1 Datasheet
87Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
More results

Similar Description - ILD1615-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com