Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1373B-100BGI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1373B-100BGI
Description  512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1373B-100BGI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1373B-100BGI Datasheet HTML 1Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CY7C1371B
CY7C1373B
Document #: 38-05198 Rev. **
Page 2 of 26
Pin Configurations
VDDQ
VSS
DQb
DQb
DQb
VSS
VDDQ
DQb
DQb
VSS
NC
VDD
DQa
DQa
VDDQ
VSS
DQa
DQa
VSS
VDDQ
VDDQ
VSS
DQc
DQc
VSS
VDDQ
DQc
DQc
VDD
VSS
DQd
DQd
VDDQ
VSS
DQd
DQd
DQd
VSS
VDDQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1371B
100-pin TQFP Packages
A
NC
NC
VDDQ
VSS
NC
DPa
DQa
DQa
VSS
VDDQ
DQa
DQa
VSS
NC
VDD
DQa
DQa
VDDQ
VSS
DQa
DQa
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQb
DQb
VSS
VDDQ
DQb
DQb
NC
VDD
VSS
DQb
DQb
VDDQ
VSS
DQb
DQb
DPb
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1373B
DQc
DQc
DQc
DQc
DPc
DQd
DQd
DPd
DQd
NC
DPb
DQb
DQa
DQa
DQa
DQa
DPa
DQb
DQb
(512K × 36)
(1M × 18)
NC
NC


Similar Part No. - CY7C1373B-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1373C CYPRESS-CY7C1373C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100AC CYPRESS-CY7C1373C-100AC Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100AI CYPRESS-CY7C1373C-100AI Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100BGC CYPRESS-CY7C1373C-100BGC Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100BZC CYPRESS-CY7C1373C-100BZC Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1373B-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com