Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV2568L-8K Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LV2568L-8K
Description  256K x 8 HIGH-SPEED CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV2568L-8K Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61LV2568L-8K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV2568L-8K Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IS61LV2568L
ISSI®
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
07/25/05
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
- 8 ns
-10 ns
Symbol
Parameter
Min.
Max
Min.
Max.
Unit
tWC
Write Cycle Time
8
10
ns
tSCE
CE to Write End
7
8
ns
tAW
Address Setup Time to Write End
7
8
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Setup Time
0
0
ns
tPWE1
WE Pulse Width (OE = HIGH)
6
7
ns
tPWE2
WE Pulse Width (OE = LOW)
6.5
8
ns
tSD
Data Setup to Write End
4
5
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE(3)
WE LOW to High-Z Output
3
4
ns
tLZWE(3)
WE HIGH to Low-Z Output
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1.
2. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the Write.
3. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.


Similar Part No. - IS61LV2568L-8K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L-8K ISSI-IS61LV2568L-8K Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV2568L-8K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS61LV2568L-10TL-TR ETC2-IS61LV2568L-10TL-TR Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV2568 ISSI-IS61LV2568 Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568 ISSI-IS61LV2568_03 Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com