Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD1615-2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ILD1615-2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel), 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1615-2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button ILD1615-2 Datasheet HTML 2Page - Vishay Siliconix ILD1615-2 Datasheet HTML 3Page - Vishay Siliconix ILD1615-2 Datasheet HTML 4Page - Vishay Siliconix ILD1615-2 Datasheet HTML 5Page - Vishay Siliconix ILD1615-2 Datasheet HTML 6Page - Vishay Siliconix ILD1615-2 Datasheet HTML 7Page - Vishay Siliconix ILD1615-2 Datasheet HTML 8Page - Vishay Siliconix ILD1615-2 Datasheet HTML 9Page - Vishay Siliconix ILD1615-2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number 82582
Rev. 1.5, 23-Mar-06
ILD1615/ ILQ1615
Vishay Semiconductors
Package Dimensions in Inches (mm)
Package Dimensions in Inches (mm)
i178006
pin one ID
0.255 (6.48)
0.268 (6.81)
0.379 (9.63)
0.390 (9.91)
0.030 (0.76)
0.045 (1.14)
4° typ.
0.100 (2.54) typ.
10°
3°- 9°
0.300 (7.62)
typ.
0.018 (0.46)
0.022 (0.56)
0.008 (0.20)
0.012 (0.30)
0.110 (2.79)
0.130 (3.30)
0.130 (3.30)
0.150 (3.81)
0.020 (0.51)
0.035 (0.89)
0.230 (5.84)
0.250 (6.35)
4
3
2
1
0.031 (0.79)
0.050 (1.27)
5
6
7
8
ISOMethodA
0.255 (6.48)
0.265 (6.81)
0.779 (19.77 )
0.790 (20.07)
0.030 (0.76)
0.045 (1.14)
0.100 (2.54) typ.
10°
typ.
3° - 9°
0.018 (0.46)
0.022 (0.56)
0.008 (0.20)
0.012 (0.30)
0.110 (2.79)
0.130 (3.30)
pin one ID
0.130 (3.30)
0.150 (3.81)
0.020 (0.51)
0.035 (0.89)
8
76543
21
91011 12
13141516
0.031(0.79)
0.300 (7.62)
typ.
0.230 (5.84)
0.250 (6.35)
0.050 (1.27)
i178007
ISO Method A


Similar Part No. - ILD1615-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
67Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD1 VISHAY-ILD1 Datasheet
174Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
logo
ISOCOM COMPONENTS
ILD1 ISOCOM-ILD1 Datasheet
87Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
More results

Similar Description - ILD1615-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com