Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV16841DGG Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AV16841DGG
Description  2.5V/3.3V ALVT 20-bit bus interface latch 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AV16841DGG Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AV16841DGG Datasheet HTML 6Page - NXP Semiconductors AV16841DGG Datasheet HTML 7Page - NXP Semiconductors AV16841DGG Datasheet HTML 8Page - NXP Semiconductors AV16841DGG Datasheet HTML 9Page - NXP Semiconductors AV16841DGG Datasheet HTML 10Page - NXP Semiconductors AV16841DGG Datasheet HTML 11Page - NXP Semiconductors AV16841DGG Datasheet HTML 12Page - NXP Semiconductors AV16841DGG Datasheet HTML 13Page - NXP Semiconductors AV16841DGG Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16841
2.5V/3.3V 20-bit bus interface latch (3-State)
1998 Feb 13
11
TEST CIRCUIT AND WAVEFORM
PULSE
GENERATOR
VIN
VOUT
CL
VCC
RL
Test Circuit for 3-State Outputs
VM
VM
tW
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance:
See AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74ALVT16
SWITCH POSITION
TEST
SWITCH
tPLZ/tPZL
6V or VCC x 2
tPLH/tPHL
Open
tPHZ/tPZH
GND
6.0V or VCC x 2
RT
RL
Open
GND
SW00025
D.U.T.
Amplitude
Rep. Rate
tW
tR
tF
3.0V or VCC
whichever
is less
v10MHz
500ns
v2.5ns v2.5ns
VIN
VIN


Similar Part No. - AV16841DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AV16821DGG PHILIPS-AV16821DGG Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
AV16821DL PHILIPS-AV16821DL Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
AV16823DGG PHILIPS-AV16823DGG Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
AV16823DL PHILIPS-AV16823DL Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
AV16827DGG PHILIPS-AV16827DGG Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results

Similar Description - AV16841DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com