Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-XC164LM-8F20F Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAF-XC164LM-8F20F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-XC164LM-8F20F Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAF-XC164LM-8F20F Datasheet HTML 7Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 8Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 9Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 10Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 11Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 12Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 13Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 14Page - Infineon Technologies AG SAF-XC164LM-8F20F Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
XC164LM
Derivatives
General Device Information
Data Sheet
9
V1.0, 2005-11
Table 2-1
Pin Definitions and Functions
Sym-
bol
Pin
Num.
Input
Outp.
Function
RSTIN
63
I
Reset Input with Schmitt-Trigger characteristics. A low-level
at this pin while the oscillator is running resets the XC164LM.
A spike filter suppresses input pulses <10 ns. Input pulses
>100 ns safely pass the filter. The minimum duration for a
safe recognition should be 100 ns + 2 CPU clock cycles.
Note: The reset duration must be sufficient to let the
hardware configuration signals settle.
External circuitry must guarantee low-level at the
RSTIN pin at least until both power supply voltages
have reached the operating range.
NMI
64
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the XC164LM into power
down mode. If NMI is high, when PWRDN is executed, the
part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
Port 9
P9.0
P9.1
P9.2
P9.3
P9.4
P9.5
43-48
43
44
45
46
47
48
IO
I/O
I
I/O
I/O
I
I/O
I/O
I/O
Port 9 is a 6-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output (configurable as push/pull or open drain
driver). The input threshold of Port 9 is selectable (standard
or special).
The following Port 9 pins also serve for alternate functions:
CC16IO (CAPCOM2) CC16 Capture Inp./Compare Outp.,
EX5IN (Fast External Interrupt 5) Input (alternate pin B)
CC17IO (CAPCOM2) CC17 Capture Inp./Compare Outp.,
CC18IO (CAPCOM2) CC18 Capture Inp./Compare Outp.,
EX4IN (Fast External Interrupt 4) Input (alternate pin B)
CC19IO (CAPCOM2) CC19 Capture Inp./Compare Outp.,
CC20IO (CAPCOM2) CC20 Capture Inp./Compare Outp.
CC21IO (CAPCOM2) CC21 Capture Inp./Compare Outp.
Note: At the end of an external reset P9.4 and P9.5 also may
input startup configuration values


Similar Part No. - SAF-XC164LM-8F20F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC164LM-8F20F INFINEON-SAF-XC164LM-8F20F Datasheet
1Mb / 61P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
More results

Similar Description - SAF-XC164LM-8F20F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com