Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2026-1M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B2026-1M
Description  Dual-Channel Power Distribution Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B2026-1M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B2026-1M Datasheet HTML 1Page - List of Unclassifed Manufacturers B2026-1M Datasheet HTML 2Page - List of Unclassifed Manufacturers B2026-1M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bay Linear, Inc
2418Armstrong St., Livermore CA USA 9550
Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
Dual-Channel Power Distribution Switch
B2025/2076
Advance Information
Package Information
Ordering Information
Package
Enable
Active High
Active Low
SO-8
B2026-1M
B2026-2M
SO-8
B2076-1M
B2076-2M
8 DIP
B2026-1P
B2026-2P
8 DIP
B2076-1P
B2076-2P
Description
The Bay Linear B2026 & B2076 are a dual high-side power
switch recommended for general Propose self-powered and
bus-powdered universal serial for bus (USB) application
conforming to USB requirements.
These devices include
thermal shutdown which in fault modes reduces the current
consumptions.
Additional features such as thermal shutdown to prevent
catastrophic switch failure from excessively high current
loads, under voltage lockout (UVLO) to ensure that the device
remains off unless there is a valid input voltage present. These
device it includes internal current limits. The 2026/76 offer a
soft-start circuit for limit the inrush current and Fault status
output flag for time over current and thermal shutdown status.
Bay Linear B2026/76 are available in 8-pin Dip and 8-pin
SOIC packages.
Features
2.7V to 5.5V Input
Under voltage Lockout
1
µµµµA Typical off-State Supply Current
500mA Minimum Continuous Load Current
B2076 with Circuit Breaker Mode
Logic Compatible Input
Thermal Shutdown & Short Circuit protection
Pin Compatible with B2526
Replacement for MIC2026/76
Applications
USB Host and self-Powered Hubs
USB Power Management
Battery-Charger Circuits
Hot Plug-In Power Supplies
Bus-Powered Hubs
Notebooks/PDA
ACPI power distribution
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power
Logic
Charge
Pump
Logic
Charge
Pump
8
Out (A)
7
IN
5
Out (B)
6
GND
EN (A)
1
FLG (A)
2
FLB (B)
3
EN (B)
4
Top View
2
1
3
4
8
7
6
5
BAY
B2026/76
FLAG (B)
EN (B)
VOUT (A)
GND
VIN
FLAG (A)
EN (A)
SO-8/8-DIP
VOUT (B)
Top View
2
1
3
4
8
7
6
5
BAY
B2026/76
FLAG (B)
EN (B)
VOUT (A)
GND
VIN
FLAG (A)
EN (A)
SO-8/8-DIP
VOUT (B)


Similar Part No. - B2026-1M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B2026 PULSE-B2026 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
B2026 PULSE-B2026 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
MicroPower Direct, LLC
B2026RW MPD-B2026RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
B2026RW MPD-B2026RW Datasheet
287Kb / 2P
   B2000RW SERIES
More results

Similar Description - B2026-1M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
   Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2026A MICREL-MIC2026A_09 Datasheet
581Kb / 16P
   Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
   Dual-Channel Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
   Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2073 MICREL-MIC2073 Datasheet
567Kb / 16P
   Dual-Channel Power Distribution Switch
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
   Dual Power Distribution Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com