Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1584 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B1584
Description  8.0A Low Dropout Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1584 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B1584 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1584 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1584 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
B1584
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Maximum Input Voltage
VIN
7
V
Power Dissipation
PO
Internally Limited
W
Thermal Resistance Junction to Case
θ
JC
3
Thermal Resistance Junction to
Ambient
θ
JA
50
°C/W
Operating Junction
Temperature Range
Control Section
Power Transistor
TJ
0 to 125
0 to 150
Storage Temperature Range
TSTG
-65 to 150
Lead Temperature (Soldering 10
Sec.)
TLEAD
260
°C
Electrical Characteristics
(VIN = 4.75V to 5.25V; IO = 10mA to 8.0Amp, unless otherwise specified)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
1.485
1.515
0<IOUT<5A, 3.3V<VIN<7V, T= 25 °C
0<IOUT<5A, 3.3V<VIN<7V, Over Temp.
1.475
1.5
1.525
2.475
2.525
0<IOUT<5A, 4.0V<VIN<7V, T= 25 °C
0<IOUT<5A, 4.0V<VIN<7V, Over Temp.
2.460
2.5
2.540
2.970
3.030
0<IOUT<5A, 4.5V<VIN<7V, T= 25 °C
0<IOUT<5A, 4.5V<VIN<7V, Over Temp.
2.950
3.0
3.050
3.267
3.333
0<IOUT<5A, 4.8V<VIN<7V, T= 25 °C
0<IOUT<5A, 4.8V<VIN<7V, Over Temp.
3.247
3.3
3.353
4.950
5.050
Output Voltage
VO
0<IOUT<5A, 6.5V<VIN<7V, T= 25 °C
0<IOUT<5A, 6.5V<VIN<7V, Over Temp.
4.920
5.0
5.080
V
1.238
1.262
Reference Voltage
Vref
VIN<7V, 1.5V<VIN<5.75, 10mA<Iout<5Amp
1.230
1.250
1.270
V
Line Regulation (1)
REG (line)
IO = 10mA, VIN =5V, T= 25 °C
0.04
0.2
0.08
0.40
Load Regulation (1)
REG (LOAD)
IO = 10mA, VIN =5V, T= 25 °C
%
1.0
Dropout Voltage
VD
T= 25
°C
Over Temperature
1.1
1.3
V
Minimum load Current
Imin
5.0
10
mA
Current Limit
IS
(Vin-Vout)=3V
8
10
A
Ground Pin Current
IQ
VIN =5V
0
200
mA
Temperature Stability
TS
IO = 10mA, VIN =5V
0.5
%
Thermal Regulation
T= 25
°C, 30ms pulse
0.003
%/W
Ripple Rejection
RA
T= 25
°C, V
IN =5V
60
80
dB
Thermal Resistance
-
TO-220
Junction to Tab
Junction to Ambient
DD Package
Junction to Tab
Junction to Ambient
3.0
60
3.0
60
3.0
60
3.0
60
°C/W
Note: Output Switch tests are performed under pulsed conditions to minimize power dissipation


Similar Part No. - B1584

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
B158-H8048-X-X-7600 INFINEON-B158-H8048-X-X-7600 Datasheet
45Kb / 1P
   SK-XC161 Starter Kit
B158-H8537-G2-X-7600 INFINEON-B158-H8537-G2-X-7600 Datasheet
22Kb / 1P
   SK-TC179x Starter Kit
Version 3.1.
B158-H8539-G2-X-7600 INFINEON-B158-H8539-G2-X-7600 Datasheet
22Kb / 1P
   SK-TC176x Family Starter Kit
last Version 1.0.
B158-H8548-X-0-7600 INFINEON-B158-H8548-X-0-7600 Datasheet
79Kb / 1P
   SK-XC866 Starter Kit
B158-H8548-X-0-7600IN INFINEON-B158-H8548-X-0-7600IN Datasheet
79Kb / 1P
   SK-XC866 Starter Kit
More results

Similar Description - B1584

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com