Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7469 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 5Page - Infineon Technologies AG TLE7469 Datasheet HTML 6Page - Infineon Technologies AG TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG TLE7469 Datasheet HTML 10Page - Infineon Technologies AG TLE7469 Datasheet HTML 11Page - Infineon Technologies AG TLE7469 Datasheet HTML 12Page - Infineon Technologies AG TLE7469 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TLE 7469
Final Data Sheet
9
Rev. 1.3, 2004-10-28
Current Consumption
Quiescent current;
I
q = II1 + II2 - IQ1 - IQ2
I
q
55
µA
I
Q2 = IQ1 = 100 µA,
T
j < 80 °C
Quiescent current;
inhibited
I
q
5
9
µA
V
INH = 0 V,
T
j < 80 °C
Inhibit Input INH
Turn-on Voltage
V
INH ON
3.1
V
V
Q1 & VQ2 on
Turn-off Voltage
V
INH OFF
0.8
V
V
Q1 & VQ2 off
H-input current
I
INH ON
3
4
µA
V
INH = 5 V
L-input current
I
INH OFF
0.5
1
µA
V
INH = 0 V, Tj < 80 °C
Delay Timing DT
Threshold Fast
Timing Select
V
DT,FAST
4.5
V
Threshold Slow
Timing Select
V
DT,SLOW
2.3
3.3
V
TLE 7469 GV52
Threshold Slow
Timing Select
V
DT,SLOW
2.3
3.6
V
TLE 7469 GV53
Threshold Watchdog
Turn Off
2)
V
DT,OFF
0.8
V
Watchdog Input WDI
H-input voltage
threshold
V
WDIH
3.0
V
L-input voltage
threshold
V
WDIL
0.8
V
Watchdog sampling
time
t
sam
0.20
0.25
0.30
ms
Fast Timing
0.80
1.00
1.20
ms
Slow Timing
Ignore window time
t
OW
25.6
32.0
38.4
ms
Fast Timing
102
128
154
ms
Slow Timing
Open window time
t
OW
25.6
32.0
38.4
ms
Fast Timing
102
128
154
ms
Slow Timing
Table 4
Electrical Characteristics (cont’d)
V
I1 = 13.5 V; VI2 = 13.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.


Similar Part No. - TLE7469

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7469 INFINEON-TLE7469 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
TLE7469GV52 INFINEON-TLE7469GV52 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
TLE7469GV53 INFINEON-TLE7469GV53 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
TLE7469 INFINEON-TLE7469_08 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
More results

Similar Description - TLE7469

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com