Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67007-A9466 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67007-A9466
Description  Multi-Voltage Processor Power Supply
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67007-A9466 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67007-A9466 Datasheet HTML 5Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 6Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 7Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 8Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 9Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 10Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 11Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 12Page - Infineon Technologies AG Q67007-A9466 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
TLE 6361 G
Data Sheet, Rev. 1.31
9
2004-10-12
the gate driver supply is managed by the combination of internal charge pump, external
charge pump and bootstrap capacitor.
2.1.1
Current mode control scheme
The regulation loop is located at the left lower corner in the schematic, there you find the
voltage feedback amplifier which gives the actual information of the actual output voltage
level and the current sense amplifier for the load current information to form finally the
regulation signal. To avoid subharmonic oscillations at duty cycles higher than 50% the
slope compensation block is necessary.
The control signal formed out of those three blocks is finally the input of the PWM
regulator for the DMOS gate turn off command, which means this signal determines the
duty cycle. The gate turn on signal is set by the oscillator periodically every 3µs which
leads to a Buck converter switching frequency around 330kHz.
With decreasing input voltage the device changes to the so called pulse skipping mode
which means basically that some of the oscillator gate turn off signals are ignored. When
the input voltage is still reduced the DMOS is turned on statically (100% duty cycle) and
its gate is supplied by the internal charge pump. Below typical 4.5V at the feedback pin
the device is turned off.During normal switching operation the gate driver is supplied by
the bootstrap capacitor.
2.1.2
Start-up procedure
To guarantee a device startup even under full load condition at the linear regulator
outputs a special start up procedure is implemented. At first the bootstrap capacitor is
charged by the internal charge pump. Afterwards the outpuput capacitor is charged
where the driver supply in that case is maintained only by the bootstrap capacitor. Once
the output capacitor of the buck converter is charged the external charge pump is
activated being able to supply the linear regulators and finally the linear regulators are
released to supply the loads.
2.1.3
Reduction of electromagnetic emission
In figure 3 it is recognized that two internal DMOS switches are used, a main switch and
an auxiliary switch. The second implemented switch is used to adjust the current slope
of the switching current. The slope adjustment is done by a controlled charge and
discharge of the gate of this DMOS. By choosing the external slew resistor appropriate
the current transition time can be adjusted between 20ns and 100ns.
2.1.4
Reducing the switching losses
The second purpose of the slope DMOS is to minimise the switching losses. Once being
in freewheeling mode of the buck regulator the output voltage level is sufficient to force
the load current to flow, the input voltage level is not needed in the first moment. By a
feedback network consisting of a resistor and a diode to the boost pin (connection see


Similar Part No. - Q67007-A9466

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67007-A9401 INFINEON-Q67007-A9401 Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
Q67007-A9488 INFINEON-Q67007-A9488 Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
More results

Similar Description - Q67007-A9466

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6368 INFINEON-TLE6368_06 Datasheet
548Kb / 59P
   Multi-Voltage Processor Power Supply
Rev. 2.2, 2006-12-01
TLE6368-G2 INFINEON-TLE6368-G2 Datasheet
1Mb / 60P
   Multi-Voltage Processor Power Supply
Rev. 2.3, May 2009
TLE6368 INFINEON-TLE6368 Datasheet
421Kb / 58P
   Multi-Voltage Processor Power Supply
Rev. 1.32 2004-10-15
TLE6361G INFINEON-TLE6361G_05 Datasheet
1Mb / 57P
   Multi-Voltage Processor Power Supply
Rev. 2.0 2005-03-01
logo
Sanyo Semicon Device
LA5603 SANYO-LA5603 Datasheet
117Kb / 5P
   Multi-function, Multiple Voltage Power Supply
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com