Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000069400 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SP000069400
Description  High Speed CAN-Transceiver with Wake Detection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000069400 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SP000069400 Datasheet HTML 1Page - Infineon Technologies AG SP000069400 Datasheet HTML 2Page - Infineon Technologies AG SP000069400 Datasheet HTML 3Page - Infineon Technologies AG SP000069400 Datasheet HTML 4Page - Infineon Technologies AG SP000069400 Datasheet HTML 5Page - Infineon Technologies AG SP000069400 Datasheet HTML 6Page - Infineon Technologies AG SP000069400 Datasheet HTML 7Page - Infineon Technologies AG SP000069400 Datasheet HTML 8Page - Infineon Technologies AG SP000069400 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLE 6251 G
Final Data Sheet
5
Rev. 3.2, 2006-04-05
Pin Configuration
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1TxD
CAN transmit data input; 20 k
Ω pull-up, LOW in dominant state
2
GND
Ground
3
V
CC
5 V supply input; block to GND with 100 nF ceramic capacitor
4RxD
CAN receive data output; LOW in dominant state, push-pull output
stage
5
V
µC
Logic voltage level adapter input; connect to pin
V
CC for 5 V
microcontroller, connect to additional supply voltage for other logic
voltage levels, block to GND with 100 nF ceramic capacitor
6EN
Mode control input 1; internal pull-down, see Figure 6
7INH
Control output; set HIGH to activate voltage regulator; open drain
8NERR
Diagnosis output 1; error and power on indication output, push-pull
output stage
9WK
Wake-up input; bi-level sensitive
AEP03398.VSD
7
6
5
4
3
2
1
TxD
GND
V
CC
RxD
V
µC
EN
INH
8
9
10
11
12
13
14
CANH
CANL
SPLIT
WK
NERR
NSTB
V
S
TLE 6251 G
(P-DSO-14-13)


Similar Part No. - SP000069400

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000062533 INFINEON-SP000062533 Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
logo
AVAGO TECHNOLOGIES LIMI...
SP000063855 AVAGO-SP000063855 Datasheet
84Kb / 5P
   Receiver with Digital Output Stage for Polymer Optical Fiber Applications
SP000063858 AVAGO-SP000063858 Datasheet
629Kb / 4P
   Transmitter for Polymer Optical Fiber Applications
logo
Infineon Technologies A...
SP000067147 INFINEON-SP000067147 Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SP000067149 INFINEON-SP000067149 Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
More results

Similar Description - SP000069400

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
TLE6251-3G INFINEON-TLE6251-3G Datasheet
1Mb / 36P
   High Speed CAN-Transceiver with Wake and Failure Detection
Rev. 1.1, 2011-06-06
TLE6251-2G INFINEON-TLE6251-2G_17 Datasheet
1Mb / 38P
   High Speed CAN Transceiver with Wake and Failure Detection
Rev. 1.22 2017-04-11
TLE6251-3G INFINEON-TLE6251-3G_17 Datasheet
1Mb / 37P
   High Speed CAN Transceiver with Wake and Failure Detection
Rev. 1.21 2017-04-11
TLE6251-2G INFINEON-TLE6251-2G Datasheet
1Mb / 35P
   High Speed CAN-Transceiver with Wake and Failure Detection
Rev. 1.0, 2009-05-07
TLE6251-2G INFINEON-TLE6251-2G_11 Datasheet
1Mb / 36P
   High Speed CAN-Transceiver with Wake and Failure Detection
Rev. 1.1, 2011-06-06
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com