Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67007-A9683 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67007-A9683
Description  Dual Low Drop Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67007-A9683 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67007-A9683 Datasheet HTML 5Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 6Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 7Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 8Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 9Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 10Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 11Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 12Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLE 4473 GV53
TLE 4473 GV52
Data Sheet
9
Rev. 1.0, 2004-07-14
Electrical Characteristics
V
I1 =13.5 V; VINH1 =VINH2= 5V; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
REGULATOR 2:
Output Q2
Output voltage
V
Q2
4.90
5.0
5.10
V
1 mA <
I
Q2<180 mA;
6V <
V
I <28 V
Output current
limitation
I
Q2
200
300
600
mA
V
Q2 =4.5 V
Output drop voltage;
V
DRQ2 = VI2 VQ2
V
DRQ2
300
600
mV
I
Q2 = 100 mA;
1)
Load regulation
V
Q2,Lo
–15
50
mV
1 mA <
I
Q2 <200 mA;
Line regulation
V
Q2,Li
–5
20
mV
I
Q2 = 1 mA;
6V <
V
I <28 V
Power supply ripple
rejection
PSRR
–65
dB
f
r =100 Hz;
V
r = 1 V
pp
Current Consumption
Quiescent current;
stand-by
I
q = II IQ2
I
q
165
µA
TLE 4473 GV52;
I
Q2 = 500
µA; T
j = 25
°C;
V
INH1 < VINH1 OFF (Q1 off)
205
µA
TLE 4473 GV52;
I
Q2= 500
µA; T
j = 85
°C;
V
INH1 < VINH1 OFF (Q1 off)
180
µA
TLE 4473 GV53;
I
Q2 = 500
µA; T
j = 25
°C;
V
INH1 < VINH1 OFF (Q1 off)
210
µA
TLE 4473 GV53;
I
Q2= 500
µA; T
j = 85
°C;
V
INH1 < VINH1 OFF (Q1 off)
235
µA
I
Q2 = 500
µA;
V
INH1 < VINH1 OFF (Q1 off)


Similar Part No. - Q67007-A9683

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67007-A9689 INFINEON-Q67007-A9689 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
More results

Similar Description - Q67007-A9683

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com