Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67065-A7032 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67065-A7032
Description  Low-Drop Fixed Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67065-A7032 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67065-A7032 Datasheet HTML 6Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 7Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 8Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 9Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 10Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 11Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 12Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 13Page - Infineon Technologies AG Q67065-A7032 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLE 4299
Datasheet Rev. 1.0
10
2005-01-27
Reset Generator
Switching threshold
V
rt
3.00 3.10 3.20
V
Reset threshold headroom
VRTHEAD 50
200
300
mV
Reset pull up
R
RO
10
20
40
k
Reset low voltage
V
R
–0.17 0.40
V
V
Q < 3.0 V; internal RRO;
I
R =1 mA
External reset pull up
V
R ext
5.6
k
Pull up resistor Q
Delay switching threshold
V
DT
1.6
1.85 2.35
V
Switching threshold
V
ST
0.35 0.50 0.60
V
Reset delay low voltage
V
D
––
0.1
V
V
Q < VRT
Charge current
I
ch
2.0
3.5
6.0
µA
V
D =1 V
Power-up Reset delay time
t
d
36
51
60
ms
C
D = 100 nF
Reset reaction time
t
rr
0.5
1.2
3.0
µs
C
D = 100 nF
Reset Adjust Switching
Threshold
VRADJ
TH
1.26 1.36 1.44
V
V
Q < 3.5V
Input Voltage Sense
Sense threshold high
V
SI high
1.34 1.45 1.54
V
Sense threshold low
V
SI low
1.26 1.36 1.44
V
Sense input switching
hysteresis
V
SI HYST
50
90
130
mV
V
SI HYST = VSI high VSI low
Sense output low voltage
V
SO low
–0.1
0.4
V
V
SI <1.20 V; Vi >4.2 V;
I
SO = 1mA
External SO pull up resistor
R
SO ext
5.6
k
Sense input current
I
SI
10.1
1
µASi > 1.0V
Sense high reaction time
t
pd SO LH
–2.4
4.0
µs
R
SO ext = 5.6kΩ
Sense low reaction time
t
pd SO HL
–2.5
6.0
µs
R
SO ext = 5.6kΩ
Characteristics (cont’d)
V
I = 13.5 V; Tj = 40 °C< Tj <150 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min. typ. max.


Similar Part No. - Q67065-A7032

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67065-S6135 INFINEON-Q67065-S6135 Datasheet
453Kb / 28P
   Smart High-Side Power Switch PROFET
V2.0, June 2005
More results

Similar Description - Q67065-A7032

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_07 Datasheet
475Kb / 25P
   Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com