Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4305G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4305G
Description  Voltage-Current Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4305G Datasheet HTML 1Page - Infineon Technologies AG TLE4305G Datasheet HTML 2Page - Infineon Technologies AG TLE4305G Datasheet HTML 3Page - Infineon Technologies AG TLE4305G Datasheet HTML 4Page - Infineon Technologies AG TLE4305G Datasheet HTML 5Page - Infineon Technologies AG TLE4305G Datasheet HTML 6Page - Infineon Technologies AG TLE4305G Datasheet HTML 7Page - Infineon Technologies AG TLE4305G Datasheet HTML 8Page - Infineon Technologies AG TLE4305G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLE 4305
Data Sheet
5
Rev. 2.1, 2004-01-01
Table 4
Electrical Characteristics
8 V <
V
S < 42 V; -40 °C < Tj < 150 °C; IOUT = 0 mA; all voltages with respect to ground;
positive current defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Current Consumption
Supply current
I
S
11.5
mA
V
S = 9 V;
T
j = 25 °C
Supply current
I
S
––
2mA
V
S = 9 V
Supply current
I
S
1.5
2.5
mA
V
S = 42 V;
T
j = 25 °C
Supply current
I
S
––
4mA
V
S = 42 V
Reference Voltage (measurable at pin CSE)
Voltage at pin CSE
V
CSE,ref
2.45
2.50
2.55
V
T
j = 25 °C;
I
CSE = 0 mA
Voltage at pin CSE
V
CSE,ref
2.425 –
2.575 V
I
CSE = 0 mA
Temperature Coefficient
V
CSE,ref
-50
50
ppm/K –
Voltage-OTA; Pin VSE and VCO
Input voltage threshold
V
VSE
V
REF
V
I
VCO = 0 mA;
V
VCO = 2.5 V
Input offset voltage
V
VSE,io
-5
5mV
I
VCO = 0 mA;
V
VCO = 2.5 V
Transconductance
g
V
1
mS
g
V = ∆IVCO / ∆UVSE
Output series resistor
R
VCO
2
k
Gain Bandwidth Product
B
V
500
kHz
Input current
I
VSE
-1.0
-0.2
-0
µA
V
VSE = 0 V
Output current;
source
I
VCO
-150
-60
-25
µA
V
VSE = 5 V;
V
VCO = 2.5 V
Output current;
sink
I
VCO
25
60
150
µA
V
VSE = 0 V;
V
VCO = 2.5 V


Similar Part No. - TLE4305G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4305G INFINEON-TLE4305G Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
More results

Similar Description - TLE4305G

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
   Low Current, Voltage Boost Regulator
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Exar Corporation
XR46014 EXAR-XR46014 Datasheet
101Kb / 2P
   High Voltage Constant Current Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
   Low Current Negative Voltage Regulator
logo
Nexperia B.V. All right...
BZX8450-Q_SER NEXPERIA-BZX8450-Q_SER Datasheet
237Kb / 10P
   Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
logo
Cystech Electonics Corp...
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com