Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67045A5051 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67045A5051
Description  CoolMOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67045A5051 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67045A5051 Datasheet HTML 4Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 5Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 6Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 7Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 8Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 9Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 10Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 11Page - Infineon Technologies AG Q67045A5051 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPW47N60CFD
17 Typ. reverse recovery charge
18 Typ. reverse recovery charge
Q rr=f(I S); di/ dt =100 A/µs
Q rr=f(di /dt ); I S=47 A
parameter: T j
parameter: T j
25 °C
125 °C
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1020
304050
I S [A]
25 °C
125 °C
0
1
2
3
4
5
6
7
8
0
300
600
900
di/ dt [A/µs]
Rev. 1.
2
page 9
2005-0
6-28


Similar Part No. - Q67045A5051

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67045A5051 INFINEON-Q67045A5051 Datasheet
622Kb / 13P
   CoolMOS Power Transistor
2008-04-17 revision:1.3
More results

Similar Description - Q67045A5051

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com