Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTB-26M6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HTB-26M6
Description  HTB Panel Mount Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HTB-26M6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HTB-26M6 Datasheet HTML 1Page - List of Unclassifed Manufacturers HTB-26M6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• For 1/4" x 1-1/4" and 5mm x 20mm fuses
• All holder bodies have the option of using
1/4" x 1-1/4" or 5mm x 20mm carriers
• Withstands 15 to 20 lbs-in torque to mounting
nut when mounting fuseholder to panel
• High temperature, flame retardant,
Thermoplastic meets UL 94 VO
Agency Information
• UL Recognized: IZLT2, E14853
• CSA Component Acceptance:
Class 6225-01, File 47235
Fuseholders
HTB Panel Mount Series
Replacement Parts
Mounting Dimensions
Maximum Panel Thickness
Body Type
Inch
Millimeters
HTB-2
0.30
7.62
HTB-3
0.30
7.62
HTB-4
0.125
3.18
HTB-5
0.125
3.18
HTB-6
0.30
7.62
HTB-8
0.125
3.18
HTB-9
0.125
3.18
SPECIFICATIONS
Product
Current
Voltage
Fuse
Quick
Code
Rating
Rating
Size
Connect
HTB-X2I
15A
250V
1/4" x 1-1/4"
3/16"
HTB-X4I
15A
250V
1/4" x 1-1/4"
3/16"
HTB-X6I
20A
250V
1/4" x 1-1/4"
1/4"
HTB-X8I
20A
250V
1/4" x 1-1/4"
1/4"
HTB-X2M
15A
250V
5mm x 20mm
3/16"
HTB-X4M
15A
250V
5mm x 20mm
3/16"
HTB-X6M
16A
250V
5mm x 20mm
1/4"
HTB-X8M
16A
250V
5mm x 20mm
1/4"
HTB-8
HTB-6
HTB-2
HTB-4
Dimensional Data
Terminal Options
Knob Type Carrier
Solder/
Carrier Options
‹Ω¡§∑ Quick-Connect
⁄Ω¢∑ Quick-Connect
⁄Ω¢∑ x 1⁄Ω¢∑
5mm x 20mm
In-Line
Rt. Angle
In-Line
Rt. Angle
(“I” Equals Inches)
(“M” Equals Metric)
Common Dimensional Data:
Knob
Knob
Length (Knob Type) - 1.69∑
(42.9mm) Plus In-Line Terminal
(Screwdriver Slotted)
1.75∑ (44.5mm)
NOTE: Plus In-Line Terminal
HTB-22I
HTB-24I
HTB-26I
HTB-28I
HTB-22M
HTB-24M
HTB-26M
HTB-28M
HTB-42I
HTB-44I
HTB-46I
HTB-48I
HTB-42M
HTB-44M
HTB-46M
HTB-48M
HTB-62I
HTB-64I
HTB-66I
HTB-68I
HTB-62M
HTB-64M
HTB-66M
HTB-68M
HTB-82I
HTB-84I
HTB-86I
HTB-88I
HTB-82M
HTB-84M
HTB-86M
HTB-88M
1.125"
(28.6mm)
0.47"
(11.9mm)
0.09" NOM.
(2.4mm)
1.125"
(28.6mm)
0.47"
(11.9mm)
0.92"
(23.4mm)
0.67"
(17.1mm)
0.91"
(23.0mm)
0.69"
(17.5mm)
0.34"
(8.7mm)
0.33"
(8.3mm)
0.47"
(11.9mm)
0.45"
(11.5mm)
Fuseholders and fuse carriers may be ordered separately.
0.30∑
7.62mm
0.125∑
3.18mm
0.30∑
7.62mm
0.125∑
3.18mm
Maximum
Panel
Thickness
Low Profile
Rear Hex Nut
High
Profile
Rear Hex Nut
Front
Hex Nut
Low Profile
Snap-In


Similar Part No. - HTB-26M6

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HTB-26M-R COOPER-HTB-26M-R Datasheet
358Kb / 3P
   HTB Panel Mount Series
logo
Eaton All Rights Reserv...
HTB-26M-R EATON-HTB-26M-R Datasheet
341Kb / 2P
   1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
More results

Similar Description - HTB-26M6

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BK-HTB-32M-R COOPER-BK-HTB-32M-R Datasheet
358Kb / 3P
   HTB Panel Mount Series
logo
LEM
HTB50-P LEM-HTB50-P Datasheet
66Kb / 2P
   Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB-200-P LEM-HTB-200-P Datasheet
551Kb / 3P
   Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB50-TP LEM-HTB50-TP Datasheet
77Kb / 2P
   Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB-100-TP LEM-HTB-100-TP Datasheet
551Kb / 3P
   Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
   Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
logo
Cooper Bussmann, Inc.
HKP-OO COOPER-HKP-OO Datasheet
158Kb / 2P
   HKP Panel-Mount Series
FHN26G1 COOPER-FHN26G1 Datasheet
158Kb / 2P
   HKP Panel-Mount Series
HKP-HH COOPER-HKP-HH Datasheet
158Kb / 2P
   HKP Panel-Mount Series
logo
Lite-On Technology Corp...
HA-1101-24LF LITEON-HA-1101-24LF Datasheet
399Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com