Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIDC20D60C6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SIDC20D60C6
Description  Fast switching diode chip in EMCON 3 -Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC20D60C6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIDC20D60C6 Datasheet HTML 1Page - Infineon Technologies AG SIDC20D60C6 Datasheet HTML 2Page - Infineon Technologies AG SIDC20D60C6 Datasheet HTML 3Page - Infineon Technologies AG SIDC20D60C6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDC20D60C6
Edited by INFINEON Technologies, AIM PMD D CID CLS, L4571M, Edition 1.1, 10.07.2006
Fast switching diode chip in EMCON 3 -Technology
This chip is used for:
power module
discrete components
FEATURES:
600V EMCON 3 technology 70 µm chip
soft, fast switching
low reverse recovery charge
small temperature coefficient
Applications:
drives
A
C
Chip Type
VR
IF
Die Size
Package
SIDC20D60C6
600V
75A
5.37 x 3.75 mm
2
sawn on foil
MECHANICAL PARAMETER:
Raster size
5.37 x 3.75
Area total / active
20.14 / 16.66
Anode pad size
4.67 x 3.05
mm
2
Thickness
70
µm
Wafer size
150
mm
Flat position
180
deg
Max. possible chips per wafer
701 pcs
Passivation frontside
Photoimide
Anode metallization
3200 nm AlSiCu
Cathode metallization
Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al,
≤500µm
Reject ink dot size
∅ 0.65mm; max 1.2mm
Recommended storage environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - SIDC20D60C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC20D60C8 INFINEON-SIDC20D60C8 Datasheet
52Kb / 4P
   Fast switching diode chip in Emitter Controlled 3 -Technology
1.2, 08.07.10
More results

Similar Description - SIDC20D60C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC38D60C6 INFINEON-SIDC38D60C6 Datasheet
61Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC110D170H INFINEON-SIDC110D170H Datasheet
66Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 2, 3.11.2004
SIDC85D170H INFINEON-SIDC85D170H Datasheet
94Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1, 22.10.2001
SIDC02D65C8 INFINEON-SIDC02D65C8 Datasheet
115Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC50D65C8 INFINEON-SIDC50D65C8 Datasheet
108Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Rev. 2.0, 12.09.2011
SIDC46D170H INFINEON-SIDC46D170H_04 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 2, 2.11.2004
SIDC02D60C6 INFINEON-SIDC02D60C6 Datasheet
63Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC03D60C6 INFINEON-SIDC03D60C6 Datasheet
64Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC03D65C8 INFINEON-SIDC03D65C8 Datasheet
111Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC20D65C8 INFINEON-SIDC20D65C8 Datasheet
111Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC06D65C8 INFINEON-SIDC06D65C8 Datasheet
108Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com