Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV162241DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AV162241DGG
Description  2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AV162241DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AV162241DGG Datasheet HTML 2Page - NXP Semiconductors AV162241DGG Datasheet HTML 3Page - NXP Semiconductors AV162241DGG Datasheet HTML 4Page - NXP Semiconductors AV162241DGG Datasheet HTML 5Page - NXP Semiconductors AV162241DGG Datasheet HTML 6Page - NXP Semiconductors AV162241DGG Datasheet HTML 7Page - NXP Semiconductors AV162241DGG Datasheet HTML 8Page - NXP Semiconductors AV162241DGG Datasheet HTML 9Page - NXP Semiconductors AV162241DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162241
2.5V/3.3V 16-bit buffer/driver with
30
W termination resistors (3-State)
1998 Feb 13
7
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V; VM = VCC/2 at VCC v 2.7V
VX = VOL + 0.3V at VCC w 3.0V; VX = VOL + 0.15V at VCC v 2.7V
VY = VOH – 0.3V at VCC w 3.0V; VY = VOH – 0.15V at VCC v 2.7V
SW00160
nAx INPUT
VM
nYx OUTPUT
tPLH
tPHL
VM
VM
VM
3.0V or VCC,
whichever is less
0V
VOH
VOL
Waveform 1. Input (nAx) to Output (nYx) Propagation Delays
nOE
INPUT
VM
VM
tPZH
tPHZ
nYx
OUTPUT
VOH
VM
VM
nYx
OUTPUT
VOL
tPZL
tPLZ
3.0V or VCC
0V
VX
VY
3.0V or VCC
whichever is
less
SW00209
nOE
INPUT
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
RL
OPEN
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V or VCC / 2, whichever is less
Input Pulse Definition
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74ALVT16
GND
6V or
VCC x 2
SW00162
Test Circuit for 3-State Outputs
SWITCH POSITION
TEST
SWITCH
tPHZ/tPZH
GND
tPLZ/tPZL
6V or VCC x 2
tPLH/tPHL
open
DEFINITIONS
3.0V or VCC
whichever
is less
≤10MHz
500ns
≤2.5ns ≤2.5ns
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.


Similar Part No. - AV162241DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AV162240DGG PHILIPS-AV162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
AV162240DL PHILIPS-AV162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
AV162244DGG PHILIPS-AV162244DGG Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
AV162244DL PHILIPS-AV162244DL Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
AV162245DGG PHILIPS-AV162245DGG Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - AV162241DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com