Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT162244DGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALVT162244DGG
Description  2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162244DGG Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALVT162244DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162244
2.5V/3.3V 16-bit buffer/driver with
30
Ω termination resistors (3-State)
1998 Oct 07
5
DC ELECTRICAL CHARACTERISTICS (3.3V
"0.3V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 3.0V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 3.0V; IOH = –12mA
2.0
2.5
V
VOL
Low–level output voltage
VCC = 3.0V; IOL = 12mA
0.5
0.8
V
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
II
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
01.
10
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.5
1
µA
VCC = 3.6V; VI = 0V
Data ins4
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
Bus Hold current
VCC = 3V; VI = 0.8V
75
130
IHOLD
Bus Hold current
Data inputs6
VCC = 3V; VI = 2.0V
–75
–140
µA
Data inputs6
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
10
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC
OE/OE = Don’t care
1
±100
µA
IOZH
3-State output High current
VCC = 3.6V; VO = 3.0V; VI = VIL or VIH
0.5
5
µA
IOZL
3-State output Low current
VCC = 3.6V; VO = 0.5V; VI = VIL or VIH
0.5
–5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.05
0.1
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3.7
5.0
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.06
0.1
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.05
0.4
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V "0.3V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
1
1.0
1.0
2.2
2.2
3.3
3.3
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.5
1.5
3.2
2.4
4.9
3.7
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
1.5
1.5
3.1
2.5
4.7
4.1
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.


Similar Part No. - 74ALVT162244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com