Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000219826 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SP000219826
Description  Smart High-Side Power Switch for Industrial Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000219826 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SP000219826 Datasheet HTML 1Page - Infineon Technologies AG SP000219826 Datasheet HTML 2Page - Infineon Technologies AG SP000219826 Datasheet HTML 3Page - Infineon Technologies AG SP000219826 Datasheet HTML 4Page - Infineon Technologies AG SP000219826 Datasheet HTML 5Page - Infineon Technologies AG SP000219826 Datasheet HTML 6Page - Infineon Technologies AG SP000219826 Datasheet HTML 7Page - Infineon Technologies AG SP000219826 Datasheet HTML 8Page - Infineon Technologies AG SP000219826 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PROFET® ITS 5215L
Infineon Technologies AG
5
2006-Mar-27
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Operating Parameters
Operating voltage
Vbb(on)
5.5
--
40
V
Undervoltage switch off9)
Tj =-40°C...25°C: Vbb(u so)
--
--
4.5
V
Tj =125°C:
--
-- 4.510)
Overvoltage protection11)
I bb = 40 mA
Vbb(AZ)
41
47
52
V
Standby current12)
Tj =-40°C...25°C:
VIN = 0; see diagram page 11
Tj =150°C:
Ibb(off)
--
--
4.5
--
10
15
µA
Tj =125°C:
--
-- 1010)
Off-State output current (included in Ibb(off))
VIN = 0; each channel
IL(off)
--
1
5
µA
Operating current 13), VIN = 5V,
one channel on:
all channels on:
IGND
--
--
0.6
1.2
1.2
2.4
mA
Protection Functions14)
Current limit, Vout = 0V, (see timing diagrams, page 11)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(lim)
--
--
9
--
15
--
23
----
A
Repetitive short circuit current limit,
Tj = Tjt
each channel
two channels
(see timing diagrams, page 11)
IL(SCr)
--
--
12
12
--
--
A
Initial short circuit shutdown time
Tj,start =25°C:
Vout = 0V
(see timing diagrams on page 11)
toff(SC)
--
2
--
ms
Output clamp (inductive load switch off)15)
at VON(CL) = Vbb - VOUT, IL= 40 mA
VON(CL)
41
47
52
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
Tjt
--
10
--
K
9)
is the voltage, where the device doesn´t change it´s switching condition for 15ms after the supply voltage
falling below the lower limit of Vbb(on)
10
) not subject to production test, specified by design
11
) Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150Ω
resistor for the GND connection is recommended). See also VON(CL) in table of protection functions and
circuit diagram on page 8.
12
) Measured with load; for the whole device; all channels off
13
) Add IST, if IST > 0
14
) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are
not designed for continuous repetitive operation.
15
) If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)


Similar Part No. - SP000219826

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000219823 INFINEON-SP000219823 Datasheet
166Kb / 10P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-01
SP000219824 INFINEON-SP000219824 Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
SP000219825 INFINEON-SP000219825 Datasheet
359Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
More results

Similar Description - SP000219826

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com