Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS716G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ITS716G
Description  Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS716G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ITS716G Datasheet HTML 6Page - Infineon Technologies AG ITS716G Datasheet HTML 7Page - Infineon Technologies AG ITS716G Datasheet HTML 8Page - Infineon Technologies AG ITS716G Datasheet HTML 9Page - Infineon Technologies AG ITS716G Datasheet HTML 10Page - Infineon Technologies AG ITS716G Datasheet HTML 11Page - Infineon Technologies AG ITS716G Datasheet HTML 12Page - Infineon Technologies AG ITS716G Datasheet HTML 13Page - Infineon Technologies AG ITS716G Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PROFET® ITS 716G
Infineon Technologies AG
10 of 14
2006-Mar-23
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
GND
V
IN
V
ST
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND > 0, no VST = low signal available.
Vbb disconnect with energized inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
high
For inductive load currents up to the limits defined by ZL
(max. ratings and diagram on page 10) each switch is
protected against loss of Vbb.
Consider at your PCB layout that in the case of Vbb dis-
connection with energized inductive load all the load current
flows through the GND connection.
Inductive load switch-off energy
dissipation
PROFET
V
IN
ST
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
RL
L
{
L
Z
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER=
VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL·L
2·RL
(
Vbb + |VOUT(CL)|) ln (1+
IL·RL
|VOUT(CL)| )
Maximum allowable load inductance for
a single switch off (one channel)4)
L = f (IL ); Tj,start = 150°C, Vbb = 12 V, RL = 0 Ω
ZL [mH]
1
10
100
1000
12
34
5
6
IL [A]


Similar Part No. - ITS716G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS716G INFINEON-ITS716G Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
More results

Similar Description - ITS716G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
ITS724G INFINEON-ITS724G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m?
2006-Mar-28
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS737S3 INFINEON-BTS737S3 Datasheet
294Kb / 15P
   Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
2004-Feb-19
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com