Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000221224 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SP000221224
Description  Smart Two Channel Highside Power Switch for Industrial Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000221224 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SP000221224 Datasheet HTML 4Page - Infineon Technologies AG SP000221224 Datasheet HTML 5Page - Infineon Technologies AG SP000221224 Datasheet HTML 6Page - Infineon Technologies AG SP000221224 Datasheet HTML 7Page - Infineon Technologies AG SP000221224 Datasheet HTML 8Page - Infineon Technologies AG SP000221224 Datasheet HTML 9Page - Infineon Technologies AG SP000221224 Datasheet HTML 10Page - Infineon Technologies AG SP000221224 Datasheet HTML 11Page - Infineon Technologies AG SP000221224 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PROFET® ITS621L1
Infineon Technologies AG
8
2006-Mar-28
Status output
ST
GND
ESD-
ZD
+5V
R
ST(ON)
ESD-Zener diode: 6.1 V typ., max 5 mA;
RST(ON) < 380 Ω at 1.6 mA, ESD zener diodes are not
to be used as voltage clamp at DC conditions.
Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).
Inductive and overvoltage output clamp
+ Vbb
OUT
GND
PROFET
VZ
V
ON
VON clamped to 47 V typ.
Overvolt. and reverse batt. protection
+ Vbb
IN2
ST
ST
R
GND
GND
R
Signal GND
Logic
VZ2
IN1
RI
V
Z1
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RI= 3.5 kΩ typ,
RGND= 150 Ω
Open-load detection
ON-state diagnostic condition: VON < RON * IL(OL); IN
high
Open load
detection
Logic
unit
+ Vbb
OUT
ON
VON
OFF-state diagnostic condition: VOUT > 3 V typ.; IN low
Open load
detection
Logic
unit
V
OUT
Signal GND
R
EXT
R
O
OFF
GND disconnect
PROFET
V
IN2
ST
OUT2
GND
bb
V
bb
Ibb
1
2
4
3
5
IN1
OUT1
6
7
V
IN1
V
IN2 VST
V
GND
Any kind of load. In case of Input=high is VOUT
≈ VIN - VIN(T+) .
Due to VGND >0, no VST = low signal available.


Similar Part No. - SP000221224

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000221220 INFINEON-SP000221220 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
SP000221225 INFINEON-SP000221225 Datasheet
254Kb / 14P
   Smart Sense High-Side Power Switch For Industrial Applications
2006-Mar-28
SP000221227 INFINEON-SP000221227 Datasheet
323Kb / 15P
   Smart Highside Power Switch for Industrial Applications
2006-Mar-28
SP000221228 INFINEON-SP000221228 Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
SP000221229 INFINEON-SP000221229 Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
More results

Similar Description - SP000221224

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
ITS410E2 INFINEON-ITS410E2 Datasheet
323Kb / 15P
   Smart Highside Power Switch for Industrial Applications
2006-Mar-28
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com