Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000221234 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SP000221234
Description  Smart Two Channel Highside Power Switch For Industrial Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000221234 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SP000221234 Datasheet HTML 3Page - Infineon Technologies AG SP000221234 Datasheet HTML 4Page - Infineon Technologies AG SP000221234 Datasheet HTML 5Page - Infineon Technologies AG SP000221234 Datasheet HTML 6Page - Infineon Technologies AG SP000221234 Datasheet HTML 7Page - Infineon Technologies AG SP000221234 Datasheet HTML 8Page - Infineon Technologies AG SP000221234 Datasheet HTML 9Page - Infineon Technologies AG SP000221234 Datasheet HTML 10Page - Infineon Technologies AG SP000221234 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PROFET® ITS612N1
Infineon Technologies AG
7
2006-Mar-28
Truth Table
IN1
IN2
OUT1
OUT2
ST
ITS612N1
Normal operation
L
L
H
H
L
H
L
H
L
L
H
H
L
H
L
H
H
H
H
H
Open load
Channel 1
L
L
H
L
H
X
Z
Z
H
L
H
X
L
H
H
Channel 2
L
H
X
L
L
H
L
H
X
Z
Z
H
L
H
H
Short circuit to Vbb
Channel 1
L
L
H
L
H
X
H
H
H
L
H
X
L
H
H
Channel 2
L
H
X
L
L
H
L
H
X
H
H
H
L
H
H
Overtemperature
both channel
L
X
H
L
H
X
L
L
L
L
L
L
H
L
L
Channel 1
L
H
X
X
L
L
X
X
H
L
Channel 2
X
X
L
H
X
X
L
L
H
L
Undervoltage/ Overvoltage
X
X
L
L
H
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal after the time delay shown in the diagrams (see fig 5. page 12)
Terms
PROFET
V
IN2
ST
OUT2
GND
bb
VST
V
IN1
I ST
I IN1
V
bb
Ibb
I L2
V OUT2
IGND
VON2
1
2
4
3
5
IN1
V
IN2
I IN2
VOUT1
VON1
I L1
OUT1
6
7
R
GND
Input circuit (ESD protection)
IN
GND
I
R
ESD-ZD
I
I
I
ESD zener diodes are not to be used as voltage clamp
at DC conditions. Operation in this mode may result in
a drift of the zener voltage (increase of up to 1 V).
Status output
ST
GND
ESD-
ZD
+5V
R
ST(ON)
ESD-Zener diode: 6.1 V typ., max 5 mA;
RST(ON) < 380 Ω at 1.6 mA, ESD zener diodes are not
to be used as voltage clamp at DC conditions.
Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).


Similar Part No. - SP000221234

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000221231 INFINEON-SP000221231 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
SP000221232 INFINEON-SP000221232 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
More results

Similar Description - SP000221234

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS410E2 INFINEON-ITS410E2 Datasheet
323Kb / 15P
   Smart Highside Power Switch for Industrial Applications
2006-Mar-28
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com