Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000221219 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SP000221219
Description  Smart Highside Power Switch for Industrial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000221219 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SP000221219 Datasheet HTML 1Page - Infineon Technologies AG SP000221219 Datasheet HTML 2Page - Infineon Technologies AG SP000221219 Datasheet HTML 3Page - Infineon Technologies AG SP000221219 Datasheet HTML 4Page - Infineon Technologies AG SP000221219 Datasheet HTML 5Page - Infineon Technologies AG SP000221219 Datasheet HTML 6Page - Infineon Technologies AG SP000221219 Datasheet HTML 7Page - Infineon Technologies AG SP000221219 Datasheet HTML 8Page - Infineon Technologies AG SP000221219 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PROFET® ITS 410 E2
Infineon Technologies AG
2
2006-Mar-28
Pin
Symbol
Function
1
GND
-
Logic ground
2
IN
I
Input, activates the power switch in case of logical high signal
3
Vbb
+
Positive power supply voltage, the tab is shorted to this pin
4
ST
S
Diagnostic feedback, low on failure
5
OUT
(Load, L)
O
Output to the load
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 3)
Vbb
65
V
Load dump protection
2) VLoadDump = UA + Vs, UA = 13.5 V
RI
3
)
= 2
Ω, RL= 6.6 Ω, td= 400 ms, IN= low or high
VLoad dump
4
)
100
V
Load current (Short circuit current, see page 4)
IL
self-limited
A
Junction temperature
Operating temperature range
Storage temperature range
Tj
Ta
Tstg
+150
-30 ...+85
-40 …+105
°C
Power dissipation (DC), TC
≤ 25 °C
Ptot
50
W
Inductive load switch-off energy dissipation, single pulse
Vbb = 12V, Tj,start = 150°C, TC = 150°C const.
IL = 1.8 A, ZL = 2.3 H, 0 Ω: EAS
4.5
J
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
all other pins:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
VESD
1
2
kV
Input voltage (DC)
VIN
-0.5 ... +6
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagrams page 6
IIN
IST
±5.0
±5.0
mA
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
junction - ambient (free air):
RthJC
RthJA
--
--
--
--
2.5
75
K/W
2
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a
150
Ω resistor in the GND connection and a 15 kΩ resistor in series with the status pin. A resistor for the
protection of the input is integrated.
3)
RI = internal resistance of the load dump test pulse generator
4)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839


Similar Part No. - SP000221219

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000221217 INFINEON-SP000221217 Datasheet
254Kb / 14P
   Smart Sense High-Side Power Switch For Industrial Applications
2006-Mar-28
SP000221218 INFINEON-SP000221218 Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications
2006-03-09
More results

Similar Description - SP000221219

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com