Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDV30FH202J03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CDV30FH202J03
Description  Mica Capacitors, Standard Dipped
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CDV30FH202J03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CDV30FH202J03 Datasheet HTML 1Page - List of Unclassifed Manufacturers CDV30FH202J03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CDV30FH202J03 Datasheet HTML 3Page - List of Unclassifed Manufacturers CDV30FH202J03 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
4.002
Mica Capacitors, Standard Dipped
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Cap
Catalog
Volt
L
H
T
S
d
pF
Number
Rate
Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm)
18
CDV19CF180J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 ( 8.7)
.032 ( .8)
20
CD10ED200J03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 ( 3.6)
.016 ( .4)
20
CD15ED200J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 ( 5.9)
.025 ( .6)
20
CDV19EF200J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 ( 8.7)
.032 ( .8)
22
CD10ED220J03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 ( 3.6)
.016 ( .4)
22
CD15ED220J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 ( 5.9)
.025 ( .6)
22
CDV19EF220J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 ( 8.7)
.032 ( .8)
24
CD10ED240J03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 ( 3.6)
.016 ( .4)
24
CD15ED240J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 ( 5.9)
.025 ( .6)
24
CDV19EF240J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 ( 8.7)
.032 ( .8)
24
CDV30EH240J03
1,500
.770 (19.6)
.850 (21.6)
.250 (6.4)
.438 (11.1)
.040 (1.0)
24
CDV30EJ240J03
2,000
.770 (19.6)
.860 (21.8)
.250 (6.4)
.438 (11.1)
.040 (1.0)
24
CDV30EK240J03
2,500
.780 (19.8)
.860 (21.8)
.250 (6.4)
.438 (11.1)
.040 (1.0)
27
CD10ED270J03
500
.370 ( 9.4)
.330 ( 8.4)
.190 (4.8)
.141 ( 3.6)
.016 ( .4)
27
CD15ED270J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 ( 5.9)
.025 ( .6)
27
CDV19EF270J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 ( 8.7)
.032 ( .8)
27
CDV30EH270J03
1,500
.770 (19.6)
.850 (21.6)
.250 (6.4)
.438 (11.1)
.040 (1.0)
27
CDV30EJ270J03
2,000
.770 (19.6)
.860 (21.8)
.250 (6.4)
.438 (11.1)
.040 (1.0)
27
CDV30EK270J03
2,500
.780 (19.8)
.860 (21.8)
.250 (6.4)
.438 (11.1)
.040 (1.0)
30
CD10ED300J03
500
.370 ( 9.4)
.340 ( 8.6)
.190 (4.8)
.141 ( 3.6)
.016 ( .4)
30
CD15ED300J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 ( 5.9)
.025 ( .6)
30
CDV19EF300J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 ( 8.7)
.032 ( .8)
30
CDV30EH300J03
1,500
.770 (19.6)
.850 (21.6)
.250 (6.4)
.438 (11.1)
.040 (1.0)
30
CDV30EJ300J03
2,000
.770 (19.6)
.860 (21.8)
.250 (6.4)
.438 (11.1)
.040 (1.0)
30
CDV303K300J03
2,500
.780 (19.8)
.860 (21.8)
.250 (6.4)
.438 (11.1)
.040 (1.0)
33
CD10ED330J03
500
.370 ( 9.4)
.340 ( 8.6)
.190 (4.8)
.141 ( 3.6)
.016 ( .4)
33
CD15ED330J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 ( 5.9)
.025 ( .6)
33
CDV19EF330J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 ( 8.7)
.032 ( .8)
33
CDV30EH330J03
1,500
.770 (19.6)
.850 (21.6)
.250 (6.4)
.438 (11.1)
.040 (1.0)
33
CDV30EJ330J03
2,000
.770 (19.6)
.860 (21.8)
.250 (6.4)
.438 (11.1)
.040 (1.0)
Types CD10, D10, CD15, CD19, CD30, CD42, CDV19, CDV30
Heralded for stability, CDE standard dipped
silvered mica capacitors are the first choice for
timing, close tolerance, and all applications
where you need to count on the capacitance.
These standard types are widely available
through distribution.
Performance Highlights
• Voltage Range: 100 Vdc to 2,500 Vdc
• Capacitance Range: 1 pF to 91,000 pF
• Capacitance Tolerance:
±12 pF (D), ±1 pF (C), ±12% (E),
±1% (F), ±2% (G), ±5% (J)
• Temperature Range: –55
°C to +125°C (O)
–55
°C to +150°C (P)*
• Dimensions meet EIA RS153B specification
• MIL-C-5 military styles available
(See Ordering Information, p. 4.018)
• Reel packing available
• 100,000 V/
µs dV/dt pulse capability minimum
• Units tested at 200% of rated voltage
• Non-flammable units which meet IEC 695-2-2 available
*“P” temperature range is available for Types CD10, CD15, CD19, CD30,
CD42, CDA15
Ratings and Dimensions
Measured at
point where
phenolic cone
becomes a
cylinder
L
Max.
T
Max.
S
±.031″
.078
″ Max.
no solder
H Max.
d
1.000
Min.
Cap
Catalog
Volt
L
H
T
S
d
pF
Number
Rate
Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm)
1
CD10CD010D03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
1
CD15CD010D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
2
CD10CD020D03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
2
CD15CD020D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
3
CD10CD030D03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
3
CD15CD030D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
4
CD15CD040D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
5
CD10CD050D03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
5
CD15CD050D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
5
CDV19CF050D03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 (8.7)
.032 (.8)
6
CD10CD060D03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
6
CD15CD060D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
6
CDV19CF060D03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 (8.7)
.032 (.8)
7
CD10CD070D03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
7
CD15CD070D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
7
CDV19CF070D03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 (8.7)
.032 (.8)
8
CD10CD080D03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
8
CD15CD080D03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
8
CDV19CF080D03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 (8.7)
.032 (.8)
10
CD10CD100J03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
10
CD15CD100J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
10
CDV19CF100J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 (8.7)
.032 (.8)
12
CD10CD120J03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
12
CD15CD120J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
12
CDV19CF120J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 (8.7)
.032 (.8)
15
CD10CD150J03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
15
CD15CD150J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
15
CDV19CF150J03
1,000
.640 (16.3)
.500 (12.7)
.190 (4.8)
.344 (8.7)
.032 (.8)
18
CD10CD180J03
500
.360 ( 9.1)
.330 ( 8.4)
.190 (4.8)
.141 (3.6)
.016 (.4)
18
CD15CD180J03
500
.450 (11.4)
.360 ( 9.1)
.170 (4.3)
.234 (5.9)
.025 (.6)
3324 4.002, 4.015
2/7/01
2:31 AM
Page 2


Similar Part No. - CDV30FH202J03

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CDV30FH201J03F CDE-CDV30FH201J03F Datasheet
816Kb / 4P
   Mica Capacitors Standard Dipped
More results

Similar Description - CDV30FH202J03

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CD10 CDE-CD10 Datasheet
526Kb / 7P
   Mica Capacitors, Standard Dipped
CD10CD010D03F CDE-CD10CD010D03F Datasheet
816Kb / 4P
   Mica Capacitors Standard Dipped
logo
List of Unclassifed Man...
CD5 ETC1-CD5 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com