Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW60R199CP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPW60R199CP
Description  CoolMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R199CP Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPW60R199CP Datasheet HTML 1Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 2Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 3Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 4Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 5Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 6Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 7Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 8Page - Infineon Technologies AG IPW60R199CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IPW60R199CP
1 Power dissipation
2 Safe operating area
P tot=f(T C)
I D=f(V DS); T C=25 °C; D =0
parameter: t p
3 Max. transient thermal impedance
4 Typ. output characteristics
Z thJC=f(t P)
I D=f(V DS); T j=25 °C
parameter: D=t p/T
parameter: V GS
0
50
100
150
0
40
80
120
160
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
V DS [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
0
10
-1
10
-2
t p [s]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
15
30
45
60
75
0
5
10
15
20
V DS [V]
limited by on-state
resistance
Rev. 2.0
page 4
2006-06-19


Similar Part No. - IPW60R199CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R199CP INFINEON-IPW60R199CP Datasheet
659Kb / 10P
   CoolMOS Power Transistor
2008-02-19 revision:2.2
IPW60R199CP INFINEON-IPW60R199CP Datasheet
607Kb / 11P
   CoolMOS짰 Power Transistor
Rev. 2.4 2014-04-29
logo
Inchange Semiconductor ...
IPW60R199CP ISC-IPW60R199CP Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW60R199CP INFINEON-IPW60R199CP_08 Datasheet
659Kb / 10P
   CoolMOS Power Transistor
2008-02-19 revision:2.2
IPW60R199CP INFINEON-IPW60R199CP_14 Datasheet
607Kb / 11P
   CoolMOS짰 Power Transistor
Rev. 2.4 2014-04-29
More results

Similar Description - IPW60R199CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com