Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPUH6N03LB Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPUH6N03LB
Description  OptiMOS짰2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPUH6N03LB Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPUH6N03LB Datasheet HTML 1Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 2Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 3Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 4Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 5Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 6Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 7Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 8Page - Infineon Technologies AG IPUH6N03LB Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IPUH6N03LB
IPSH6N03LB
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
1
10
100
1000
0.1
1
10
100
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
0.001
0.01
0.1
1
10
0
0
0
0
0
0
1
t p [s]
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
T C [°C]
0
10
20
30
40
50
60
0
50
100
150
200
T C [°C]
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
Rev. 0.3
page 4
2006-05-15


Similar Part No. - IPUH6N03LB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPUH6N03LAG INFINEON-IPUH6N03LAG Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.3 2006-05-11
IPUH6N03LAG INFINEON-IPUH6N03LAG Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
More results

Similar Description - IPUH6N03LB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com