Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0000-87992 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SP0000-87992
Description  OptiMOS짰-T Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP0000-87992 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SP0000-87992 Datasheet HTML 1Page - Infineon Technologies AG SP0000-87992 Datasheet HTML 2Page - Infineon Technologies AG SP0000-87992 Datasheet HTML 3Page - Infineon Technologies AG SP0000-87992 Datasheet HTML 4Page - Infineon Technologies AG SP0000-87992 Datasheet HTML 5Page - Infineon Technologies AG SP0000-87992 Datasheet HTML 6Page - Infineon Technologies AG SP0000-87992 Datasheet HTML 7Page - Infineon Technologies AG SP0000-87992 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IPB100N06S3-03
IPI100N06S3-03, IPP100N06S3-03
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
21620
-
pF
Output capacitance
C oss
-
3290
-
Reverse transfer capacitance
Crss
-
3140
-
Turn-on delay time
t d(on)
-54
-
ns
Rise time
t r
-67
-
Turn-off delay time
t d(off)
-77
-
Fall time
t f
-60
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
130
-
nC
Gate to drain charge
Q gd
-70
-
Gate charge total
Q g
-
320
480
Gate plateau voltage
V plateau
-
5.6
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
100
A
Diode pulse current
2)
I S,pulse
-
-
400
Diode forward voltage
V SD
V GS=0 V, I F=80 A,
T j=25 °C
0.6
0.9
1.3
V
Reverse recovery time
2)
t rr
V R=27.5 V, I F=I S,
di F/dt =100 A/µs
-60
ns
Reverse recovery charge
2)
Q rr
-95
-
nC
2) Defined by design. Not subject to production test.
3) See diagrams 12 and 13.
4) Qualified at -5V and +20V.
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 0.5 K/W the chip is able to carry 223 A at 25°C. For detailed
information see Application Note ANPS071E at www.infineon.com/optimos
T C=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=27.5 V,
V GS=10 V, I D=80 A,
R G=1.3 Ω
V DD=11 V, I D=80 A,
V GS=0 to 10 V
Rev. 1.0
page 3
2005-09-16


Similar Part No. - SP0000-87992

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP0000-87993 INFINEON-SP0000-87993 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87994 INFINEON-SP0000-87994 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87996 INFINEON-SP0000-87996 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87997 INFINEON-SP0000-87997 Datasheet
159Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2006-04-03
More results

Similar Description - SP0000-87992

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP77N06S3-09 INFINEON-IPP77N06S3-09 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 0.9 2005-09-16
IPP80N06S3L-06 INFINEON-IPP80N06S3L-06 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP25N06S3L-22 INFINEON-IPP25N06S3L-22 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPD70N12S3L-12 INFINEON-IPD70N12S3L-12 Datasheet
400Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPP80N06S3L-08 INFINEON-IPP80N06S3L-08 Datasheet
155Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP100N06S3L-03 INFINEON-IPP100N06S3L-03 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPB100N12S3-05 INFINEON-IPB100N12S3-05 Datasheet
411Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPD50N12S3L-15 INFINEON-IPD50N12S3L-15 Datasheet
398Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPB160N04S2L-03 INFINEON-IPB160N04S2L-03 Datasheet
153Kb / 8P
   OptiMOS짰 - T Power-Transistor
Rev. 1.0 2006-03-02
IPD30N10S3L-34 INFINEON-IPD30N10S3L-34_11 Datasheet
182Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.1 2011-10-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com