Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0002-19043 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SP0002-19043
Description  OptiMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP0002-19043 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SP0002-19043 Datasheet HTML 1Page - Infineon Technologies AG SP0002-19043 Datasheet HTML 2Page - Infineon Technologies AG SP0002-19043 Datasheet HTML 3Page - Infineon Technologies AG SP0002-19043 Datasheet HTML 4Page - Infineon Technologies AG SP0002-19043 Datasheet HTML 5Page - Infineon Technologies AG SP0002-19043 Datasheet HTML 6Page - Infineon Technologies AG SP0002-19043 Datasheet HTML 7Page - Infineon Technologies AG SP0002-19043 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IPB80N08S2-07
IPP80N08S2-07, IPI80N08S2-07
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
-
-
0.5
K/W
Thermal resistance, junction -
ambient, leaded
R thJA
--
62
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area5)
--
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D= 1 mA
75
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
2.1
3.0
4.0
Zero gate voltage drain current
I DSS
V DS=75 V, V GS=0 V,
T j=25 °C
-
0.01
1
µA
V DS=75 V, V GS=0 V,
T j=125 °C
2)
-
1
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
RDS(on)
V GS=10 V, I D=80 A,
-
5.8
7.4
mΩ
V GS=10 V, I D=80 A,
SMD version
-
5.5
7.1
Values
Rev. 1.0
page 2
2006-03-03


Similar Part No. - SP0002-19043

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP0002-19041 INFINEON-SP0002-19041 Datasheet
159Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
SP0002-19044 INFINEON-SP0002-19044 Datasheet
159Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
More results

Similar Description - SP0002-19043

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com