Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB80N08S2L-07 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB80N08S2L-07
Description  OptiMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB80N08S2L-07 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB80N08S2L-07 Datasheet HTML 1Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 2Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 3Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 4Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 5Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 6Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 7Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IPB80N08S2L-07
IPP80N08S2L-07
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C
R DS(on) = (I D); T j = 25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. Forward transconductance
I D = f(V GS); V DS = 6V
g fs = f(I D); T j = 25°C
parameter: T j
parameter: g fs
2.5 V
3 V
3.5 V
4 V
10 V
0
50
100
150
200
250
300
02468
10
V DS [V]
-55 °C
25 °C
175 °C
0
20
40
60
80
100
120
140
160
180
200
12
34
V GS [V]
0
50
100
150
200
250
0
50
100
150
200
I D [A]
3 V
3.5 V
4 V
4.5 V
10 V
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
I D [A]
Rev. 1.0
page 5
2006-03-03


Similar Part No. - IPB80N08S2L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N08S2L-07 INFINEON-IPB80N08S2L-07 Datasheet
311Kb / 9P
   OptiMOS??Power-Transistor
Rev. 1.1 2014-03-07
logo
Inchange Semiconductor ...
IPB80N08S2L-07 ISC-IPB80N08S2L-07 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPB80N08S2L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com