Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSIC-506 Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC-506
Description  High Resolution, High Precision, Rapid Response Temperature Sensor IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC-506 Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  TSIC-506 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC-506 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSic™- 506
High Resolution, High Precision, Rapid Response Temperature Sensor IC
Feature Sheet
TSic
TM 506 Feature Sheet, Rev. 3.4, July 18, 2005
Page 2 of 2
© ZMD AG & IST AG, 2005
The information furnished here is believed to be correct and accurate; however, ZMD and IST shall not be liable to any licensee or third
party for any damages, including, but not limited to, personal injury, property damage, loss of profits, loss of use, interruption of business
or indirect, special, incidental, or consequential damages of any kind, in connection with or arising out of the furnishing, performance, or
use of this technical data. No obligation or liability to any licensee or third party shall result from ZMD or IST’s rendering of technical or
other services.
Absolute Maximum Ratings
PARAMETER
MIN TYP MAX UNITS
Supply Voltage (V+)
-0.3
6.0
V
Voltages at Analog I/O
Pins (VINA, VOUTA)
-0.3
VDDA+
0.
3
V
Storage Temperature
Range (Tstor)
-50
150
°C
Operating Conditions
PARAMETER
MIN
TYP MAX
UNITS
Supply Voltage to Gnd (V+)
1
2.97
5.0
5.5
V
Supply Current (IV+)
@ V+ = 3.3V, RT
30
45
80
µA
Ambient Temperature
Range (Tamb)
2
-10
60
°C
Output Load Capacitance
(CL)
3
10
15
nF
External Capacitance
Between V+ and Gnd (CV+)
4
80
100
470
nF
Output Load Resistance (RL)
Signal to Gnd (or V+)
5
2.5
10
K
1 With supply voltage 2.7V - 2.97V, accuracy is slightly
reduced; below 2.7V, functionality is unknown.
2 Output signal is limited to this ambient temperature (applies
to calibration, offset and gain).
3 When using the output as a digital output, the load capacitor
CL is limited by maximum rise time for ZACwire
TM.
4 Locate as close as possible to TSic’s V+ and Gnd pins.
5 When using the output as a digital output, no pull-down
resistor is allowed.
Temperature Accuracy
PARAMETER
MIN
TYP
MAX UNITS
Focused Range Device for -10° to 60°C
+5 to +45 °C
-0.1 ±0.05
0.1
°C
1
-5 to +5, +45 to +55 °C
-0.1
+0.1
+0.2
°C
1
-10 to -5, +55 to +60 °C
0
+0.15 +0.3
°C
1
1 3
σ value; plus 1 bit quantization error (0.034 °C).
Output Examples for TSic
TM Devices
Temperature Measurement Range
-10°C to 60°C or 14°F to 140°F
(F = focused range device)
TSic-501F
TSic-503F
TSic-506F
1
Temp
(
oC)
Temp
(
oF)
Analog
0~1V
Analog
Ratiometric
10~90%
@
V+=5V
Digital
≤ -10
≤14
0.000
10.00%
=0.500V
0x000
0
32
0.143
21.43%
=1.072V
0x124
25
77
0.500
50.00%
=2.500V
0x3FF
≥60
≥140
1.000
90.00%
=4.500V
0x7FF
1 Temperature = (Digital signal / 2047 * 70 - 10) °C
For further
information:
ZMD America, Inc.
201 Old Country Road, Suite 204
Melville, NY 11747, USA
Phone +01 (631) 549-2666
Fax +01 (631) 549-2882
sales@zmda.com
www.zmd.biz
ZMD AG
Grenzstrasse 28
01109 Dresden, Germany
Tel.: +49 (0)351.8822.366
Fax: +49 (0)351.8822.337
sales@zmd.de
www.zmd.biz
ZMD Far East
Taipei World Center
Sinyi Road, Sec. 5, Suite 7A-03
Taipei 110, Taiwan
Phone +886 (2) 8786 1592
Fax +886 (2) 2723 3109
sales@zmd.de
www.zmd.biz


Similar Part No. - TSIC-506

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
   Rapid Response, Low-Cost Temperature Sensor IC
TSIC-201 ZMD-TSIC-201 Datasheet
168Kb / 3P
   Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
   Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC-301 ZMD-TSIC-301 Datasheet
168Kb / 3P
   High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
More results

Similar Description - TSIC-506

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
   Rapid Response, Low-Cost Temperature Sensor IC
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
   Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC ZMD-TSIC Datasheet
261Kb / 2P
   High Precision Temperature Sensor IC
TSIC-301 ZMD-TSIC-301 Datasheet
168Kb / 3P
   High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
Honeywell Accelerometer...
APS00A HONEYWELL-ACC-APS00A Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com