Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP80N04S2-H4 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP80N04S2-H4
Description  OptiMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP80N04S2-H4 Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPP80N04S2-H4 Datasheet HTML 1Page - Infineon Technologies AG IPP80N04S2-H4 Datasheet HTML 2Page - Infineon Technologies AG IPP80N04S2-H4 Datasheet HTML 3Page - Infineon Technologies AG IPP80N04S2-H4 Datasheet HTML 4Page - Infineon Technologies AG IPP80N04S2-H4 Datasheet HTML 5Page - Infineon Technologies AG IPP80N04S2-H4 Datasheet HTML 6Page - Infineon Technologies AG IPP80N04S2-H4 Datasheet HTML 7Page - Infineon Technologies AG IPP80N04S2-H4 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IPB80N04S2-H4
IPP80N04S2-H4, IPI80N04S2-H4
13 Typical avalanche energy
14 Typ. gate charge
E AS = f(T j)
V GS = f(Q gate); I D = 80 A pulsed
parameter: I D = 80A
15 Typ. drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS) = f(T j); I D = 1 mA
0
100
200
300
400
500
600
700
25
75
125
175
T j [°C]
V GS
Q gate
Q gs
Q gd
Q g
V GS
Q gate
Q gs
Q gd
Q g
8 V
32 V
0
2
4
6
8
10
12
0
20
40
60
80
100
120
Q gate [nC]
36
38
40
42
44
46
48
-60
-20
20
60
100
140
180
T j [°C]
Rev. 1.0
page 7
2006-03-02


Similar Part No. - IPP80N04S2-H4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
207Kb / 9P
   OptiMOS Power-Transistor
Rev. 1.1 2008-02-22
More results

Similar Description - IPP80N04S2-H4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com