Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH32501 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVCH32501
Description  36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH32501 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Mar 16
6
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
5 V tolerant; 3-state
74ALVCH32501
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 55
°C the value of PD derates linearly with 1.8 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
2.5 V range (for maximum speed
performance at 30 pF output load)
2.3
2.7
V
3.3 V range (for maximum speed
performance at 50 pF output load)
3.0
3.6
V
VI
DC input voltage
0
VCC
V
VO
DC output voltage
output HIGH or LOW state
0
VCC
V
Tamb
ambient temperature
−40
+85
°C
tr, tf
input rise and fall time ratios
(
∆t/∆V)
VCC = 1.2 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+4.6
V
VI
DC input voltage
for control pins; note 1
−0.5
+4.6
V
for data input pins; note 1
−0.5
VCC + 0.5 V
IIK
DC input diode current
VI <0
−−50
mA
IOK
DC output clamping diode current VO < 0; note 1
50
mA
VO
DC output voltage
see note 1
−0.5
VCC + 0.5 V
IO
DC output sink current
VO = 0 to VCC
−−50
mA
ICC,IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per packages
for temperature range:
−40 to +85 °C; note 2
1000
mW


Similar Part No. - 74ALVCH32501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
logo
Texas Instruments
74ALVCH32501ZKFR TI1-74ALVCH32501ZKFR Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
More results

Similar Description - 74ALVCH32501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com