Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP26CNE8N Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPP26CNE8N
Description  OptiMOS짰2 Power-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP26CNE8N Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPP26CNE8N Datasheet HTML 1Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 2Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 3Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 4Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 5Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 6Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 7Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 8Page - Infineon Technologies AG IPP26CNE8N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IPB26CNE8N G IPD25CNE8N G
IPI26CNE8N G IPP26CNE8N G IPU25CNE8N G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
0.1
1
10
t p [s]
0
10
20
30
40
50
60
70
80
0
50
100
150
200
T C [°C]
0
5
10
15
20
25
30
35
40
0
50
100
150
200
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
-1
10
2
10
1
10
0
10
-1
V DS [V]
Rev. 1.0
page 4
2006-02-17


Similar Part No. - IPP26CNE8N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
logo
Inchange Semiconductor ...
IPP26CN10N ISC-IPP26CN10N Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP26CN10NG INFINEON-IPP26CN10NG Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP26CN10NG INFINEON-IPP26CN10NG Datasheet
547Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.08 2010-04-28
IPP26CN10NG INFINEON-IPP26CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.09 2013-07-09
More results

Similar Description - IPP26CNE8N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com