Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CR-84 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H7CR-84
Description  Digital Counter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-84 Datasheet(HTML) 4 Page - Omron Electronics LLC

  H7CR-84 Datasheet HTML 1Page - Omron Electronics LLC H7CR-84 Datasheet HTML 2Page - Omron Electronics LLC H7CR-84 Datasheet HTML 3Page - Omron Electronics LLC H7CR-84 Datasheet HTML 4Page - Omron Electronics LLC H7CR-84 Datasheet HTML 5Page - Omron Electronics LLC H7CR-84 Datasheet HTML 6Page - Omron Electronics LLC H7CR-84 Datasheet HTML 7Page - Omron Electronics LLC H7CR-84 Datasheet HTML 8Page - Omron Electronics LLC H7CR-84 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
H7CR
H7CR
4
Model
H7CR-SA
H7CR-SBss
ss
H7CR-SC
H7CR-8s
s
H7CR-11
Classification
Preset counter
Preset counter
Preset counter
Preset counter
Preset counter
(economy)
(standard)
(+/– range)
(standard)
(standard)
Mounting
Flush mounting
Flush or surface mounting
External connections
Screw terminals
Socket
Degree of protection
IEC: IP54 (panel surface)
Output modes
N, F
N, F, C, R, K,
K, D, L, H
N, F, C, R, K, P, Q, A
P, Q, A
Input modes
Up, Down & Reversible A
Reversible A
Up, Down & Reversible A
(command inputs),
(command inputs),
(command inputs),
Reversible B
Reversible B
Reversible B
(individual inputs),
(individual inputs),
(individual inputs),
Reversible C
Reversible C
Reversible C
(Phase difference inputs)
(phase difference
(phase difference inputs)
inputs)
Reset system
External and
External, manual, External and
External, manual,
External, manual,
manual resets
automatic (inter-
manual resets
power supply, and
automatic (internal
nal according to
automatic (internal
according to C, R, P,
C, R, P, and Q
according to C, R,
and Q operation)
operation)
P, and Q operation) resets
resets
resets
Scaling function
None
0.001 to 99.999 for 6-digit, 0.001 to 9.999 for 4-digit
Decimal point
None
Rightmost 3 digits
adjustments
Input signals
Count, reset
Count, reset, key protect
Count, reset
Count, reset, and
key protect
Input method
No-voltage input: Via opening and closing of contact
Control output
SPST-NO contact
Single preset types:
SPST-NO contact
SPDT-NO contact
or transistor (NPN
SPST-NO contact or transistor (NPN
or transistor (NPN
or transistor (NPN
open collector)
open collector) output
open collector)
open collector)
output
Double preset types:
output
output
DPST-NO contact or transistor
(NPN open collector) output
Displays
7-segment LCD present value and preset displays; LCD character indicators for outputs, power, and modes
Display type
Backlit LCD
Digits
6 digits (0 to
6 or 4 digits;
6 digits positive
6 or 4 digits;
6 digits (0 to 999,999)
999,999)
0 to 999,999 or
and 5 digits nega-
0 to 999,999 or
0 to 9,999
tive (-99,999 to
0 to 9,999
999,999)
Memory backup
Backup time for power interruption: Approx. 10 years at 20
°C (68°F); non-replaceable lithium battery
s H7CR-S, -8, -11


Similar Part No. - H7CR-84

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CR-84

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
   Digital counter
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
   DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
   Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
   Digital LCD Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com