Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CR-8 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H7CR-8
Description  Digital Counter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-8 Datasheet(HTML) 1 Page - Omron Electronics LLC

  H7CR-8 Datasheet HTML 1Page - Omron Electronics LLC H7CR-8 Datasheet HTML 2Page - Omron Electronics LLC H7CR-8 Datasheet HTML 3Page - Omron Electronics LLC H7CR-8 Datasheet HTML 4Page - Omron Electronics LLC H7CR-8 Datasheet HTML 5Page - Omron Electronics LLC H7CR-8 Datasheet HTML 6Page - Omron Electronics LLC H7CR-8 Datasheet HTML 7Page - Omron Electronics LLC H7CR-8 Datasheet HTML 8Page - Omron Electronics LLC H7CR-8 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Number of presets
One
Two (Non-independent)
Display type
6 digit LCD, backlit
6 digit LCD, backlit
Input type
No-voltage
Voltage
No-voltage
Voltage
Contact output
H7CR-B
H7CR-BV
H7CR-BW
H7CR-BWV
Transistor output
H7CR-BS
H7CR-BVS
H7CR-BWS
H7CR-BWVS
Contact output
H7CR-BG
H7CR-BVG
H7CR-BWG
H7CR-BWVG
Transistor output
H7CR-BSG
H7CR-BVSG
H7CR-BWSG
H7CR-BWVSG
Counter supply voltages
100 to 240 VAC, 50/60 Hz or 24 VAC/12 to 24 VDC
Compact 1/16 DIN Counters with Easy-to-Use
Functions, Four- or Six-Digit LCD Displays
s
Designed for easy operation
s
High-speed response —
5 K counts per second
s
Prescale function displays
in units of actual physical
parameters — length, volume, etc.
(except A/SA types)
s
H7CR-C and -SC provide large/
small discrimination mode ideal
for positioning and production control
s
Easy-to-read backlit LCD display
s
On-line change of set value
s
4-level key protect
s
H7CR-S short 64 mm (2.52 in) body
Number of presets
One
Display type
6 digit LCD, not backlit
Input type
No-voltage
Voltage
Contact output
H7CR-A
H7CR-AV
Transistor output
H7CR-AS
H7CR-AVS
Sensor power supply
Not available
Not available
Counter supply voltages
100 to 240 VAC, 50/60 Hz or 24 VAC
Ordering Information
When placing your order, specify the supply voltage after the part number. For example, H7CR-B 100 to 240 VAC.
s ECONOMY COUNTERS
s STANDARD COUNTERS
Number of presets
One
Two (Non-independent)
Display type
4-digit LCD, backlit
4-digit LCD backlit
Input type
No-voltage
No-voltage
Sensor supply voltage
12 VDC
24 VDC
12 VDC
24 VDC
Output type
Contact output
H7CR-B4
H7CR-B4G
H7CR-B4W
H7CR-B4WG
Counter supply voltage
100 to 240 VAC, 50/60 Hz
12 VDC sensor
supply voltage
24 VDC sensor
supply voltage
Digital Counter
H7CR


Similar Part No. - H7CR-8

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CR-8

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
   Digital counter
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
   DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
   Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
   Digital LCD Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com