Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMD44101 Datasheet(PDF) 6 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD44101
Description  Single-Chip 868MHz to 928MHz RF Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD44101 Datasheet(HTML) 6 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD44101 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD44101 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZMD44101
Single-Chip 868MHz to 928MHz RF Transceiver
PRELIMINARY - March 2005
Copyright © 2005, ZMD AG
Page 6 of 26
Digital Core
TX FIFO
128x8
RX FIFO
256x8
Inter-
face
SPI
Paral-
lel
Reg.
Bank
MISO
MOSI
SCK
SS
ALE
RD
WR
DA[7:0]
IRQ
GPD
SPIconfig[5:0]
SPItx[7:0]
SPIstart
SPIrx[7:0]
4
Interfaces
4.1 Overview
Figure 4-1: Interface Block Diagram
The ZMD44101 provides a parallel interface and an SPI to access the internal register bank, the TX and
the RX FIFO. Additionally it has a IRQ output and a dedicated global power down (GPD) input.
By default both interfaces the parallel and the SPI as slave are available. For proper operation the unused
interface shall be disabled. The parallel interface is disabled by setting RD,WR, and ALE to high, putting
the DataAddress[7:0] bus into High-Z state. The SPI is disabled by setting SS to high.
The SPI can also be configured as master. In the master setup is behaves like a remote interface
which can be controlled by the external microcontroller via the ZMD44101 parallel interface and some SPI
control register in the register bank.


Similar Part No. - ZMD44101

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD44102 ZMD-ZMD44102 Datasheet
197Kb / 1P
   Robust Communications RF Transceiver 868MHz to 928MHz
ZMD44102SKB ZMD-ZMD44102SKB Datasheet
147Kb / 1P
   Starter Kit Bundle
More results

Similar Description - ZMD44101

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD44102 ZMD-ZMD44102 Datasheet
197Kb / 1P
   Robust Communications RF Transceiver 868MHz to 928MHz
logo
Exar Corporation
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com