Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3104SA Datasheet(PDF) 7 Page - Texas Instruments

Part # TLK3104SA
Description  QUAD 3.125 Gbps SERIAL TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3104SA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK3104SA Datasheet HTML 3Page - Texas Instruments TLK3104SA Datasheet HTML 4Page - Texas Instruments TLK3104SA Datasheet HTML 5Page - Texas Instruments TLK3104SA Datasheet HTML 6Page - Texas Instruments TLK3104SA Datasheet HTML 7Page - Texas Instruments TLK3104SA Datasheet HTML 8Page - Texas Instruments TLK3104SA Datasheet HTML 9Page - Texas Instruments TLK3104SA Datasheet HTML 10Page - Texas Instruments TLK3104SA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TLK3104SA
QUAD 3.125 Gbps SERIAL TRANSCEIVER
SCAS651B-– AUGUST 2000 – REVISED SEPTEMBER 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
10 Gbps ethernet transceiver modes
When CODE is high, the TLK3104SA supports the 32-bit data path, 4-bit control, 10 gigabit media independent
interface (XGMII) and full encoding scheme currently proposed in the IEEE 802.3ae 10 gigabit ethernet task
force. In these modes, the TLK3104SA performs the serialization/deserialization and channel synchronization
function of an extended auxiliary unit interface (XAUI) also currently proposed in the IEEE 802.3ae 10 gigabit
ethernet task force.
The TLK3104SA is intended as a prestandard XAUI transceiver. The device supports most of the functions
defined in clause 47 and 48 of the IEEE 802.3ae proposed 10 gigabit ethernet draft 2.0 standard. However,
some functions that have been included in the current draft of the standard are not currently supported in the
TLK3104SA. These are:
D Clock Tolerance Compensation—The TLK3104SA currently does not compensate for differences in
frequency between the reference clock and the incoming serial data as defined in P802.3ae D2.0 clause 48.
D XAUI Interpacket Gap Management—The TLK3104SA currently does not generate /A/, /K/, and /R/ codes
for bit and channel alignment on the XAUI interface as defined in P802.3ae D2.0 clause 48.
D Remote Fault/Local Fault Reporting—The TLK3104SA currently does not report local or remote faults on
the XGMII or report faults as 0xFE as defined in P802.3ae D2.0 clause 46.
D MDIO Timing and Registers—The TLK3104SA currently does not support the timing and register
extensions for the management data input/output interface as defined in P802.3ae D2.0 clause 45.
D HSTL Class 1 voltage levels—The TLK3104SA currently does not support HSTL class 1 voltage levels on
the XGMII as defined in P802.3ae D2.0 clause 46.
parallel interface clocking
There are two clocking choices selectable via the PSYNC pin detailed in Table 2. Under channel sync mode
(PSYNC = high), TCA is used as the transmit data clock for all four channels. Under independent channel mode
(PSYNC = low), each channel uses its own transmit data clock (TCA–TCD) to latch data into the TLK3104SA.
A data FIFO is placed in the transmit data path to resolve any phase difference between the transmit data clocks
and differential reference clock, RFCP/N.
Table 2. Parallel Interface Clocking Modes
PSYNC
PARALLEL INTERFACE CLOCKING OPERATION
Low
Independent channel mode. TC[A–D]/RC[A–D] are used to clock in/out each individual channel.
High
Channel sync mode. TCA/RCA are used to clock in/out all channels of data.
On the receive data path, in independent channel mode, the data for each channel is output referenced to each
channel’s extracted receive clock. In channel sync mode, the data on all channels are synchronized and output
referenced to the extracted receive clock for channel A, RCA. A FIFO is enabled in the parallel receive data path
on each channel to compensate for channel skew and clock phase tolerance differences between the recovered
clocks for each channel and the receive output clock, RCA. This FIFO has a total depth of eleven bytes.
parallel interface data
There are two data mode choices selectable via the CODE pin detailed in Table 3. In SERDES mode, the
transmit data bus for each channel accepts 10-bit wide 8-B/10-B encoded data at the TDx[0..9] pins. Data is
latched on the rising and falling edge of the transmit data clock. The 8-B/10-B encoded data is then phase
aligned to the reference clock (RFCP/RFCN), serialized, then transmitted sequentially beginning with bit 0
(TDx0) over the differential high-speed serial transmit pins.


Similar Part No. - TLK3104SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3104SAGNT TI1-TLK3104SAGNT Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
More results

Similar Description - TLK3104SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS30BA101 TI1-DS30BA101_13 Datasheet
770Kb / 11P
[Old version datasheet]   DS30BA101 3.125 Gbps Differential Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com