Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CR-BWG Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # H7CR-BWG
Description  Digital Counter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-BWG Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button H7CR-BWG Datasheet HTML 6Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 7Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 8Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 9Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 10Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 11Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 12Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 13Page - Omron Electronics LLC H7CR-BWG Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
H7CR
H7CR
Output Mode P Present value display does not change during one-shot time period, but reset start status returns as soon as preset
count is reached. Outputs are one-shot and operate repeatedly. Output 1 latches ON at preset 1, and goes OFF after expiration of the
one-shot period for Output 2. One-shot time periods for Output 1 and 2 are independent.
Standard Counter Output Operation (Continued)
Up
Down
Reversible A, B, and C
Up
Down
Reversible A, B, and C
One-shot output from Output 1
Sustained output
One-shot outputs can be set to 10, 50, 100, 200 or 500 ms.
One-shot output from Output 2
Sustained output
Up
Down
Reversible A, B, and C
Output Mode K Present value runs continuously. Output 1 latches ON at preset 1, and goes OFF after expiration of the one-shot
period for Output 2. One-shot time periods for Output 1 and 2 are independent.
Output Mode R Present value display returns to reset start status after expiration of one-shot time period. Outputs are one-shot
and operate repeatedly. Output 1 latches ON at preset 1, and goes OFF after expiration of the one-shot period for Output 2. One-
shot time periods for Output 1 and 2 are independent.
(Bold line represents present value; Output 2 operation applies for single-preset models.)
Reset
999,999
Output 2
Output 1
0
Preset 1
Preset 2
Reset
999,999
Output 2
Output 1
0
Preset 1
Preset 2
Reset
999,999
Output 2
Output 1
0
Preset 1
Preset 2


Similar Part No. - H7CR-BWG

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CR-BWG

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
   Digital counter
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
   DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
   Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
   Digital LCD Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com