Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7315 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7315
Description  8-Port I/O Expander with LED Intensity Control and Interrupt
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7315 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7315 Datasheet HTML 3Page - Maxim Integrated Products MAX7315 Datasheet HTML 4Page - Maxim Integrated Products MAX7315 Datasheet HTML 5Page - Maxim Integrated Products MAX7315 Datasheet HTML 6Page - Maxim Integrated Products MAX7315 Datasheet HTML 7Page - Maxim Integrated Products MAX7315 Datasheet HTML 8Page - Maxim Integrated Products MAX7315 Datasheet HTML 9Page - Maxim Integrated Products MAX7315 Datasheet HTML 10Page - Maxim Integrated Products MAX7315 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ports register latches the current-input logic level of the
affected eight ports. Transition detection allows all
ports configured as inputs to be monitored for changes
in their logic status. The action of reading the input
ports register samples the corresponding 8 port bits’
input condition. This sample is continuously compared
with the actual input conditions. A detected change in
input condition causes the INT/O8 interrupt output to go
low, if configured as an interrupt output. The interrupt is
cleared either automatically if the changed input
returns to its original state, or when the input ports reg-
ister is read.
The INT/O8 pin can be configured as either an interrupt
output or as a 9th output port with the same static or
blink controls as the other eight ports (Table 4).
Port Output Control and LED Blinking
The blink phase 0 register sets the output logic levels of
the eight ports P0–P7 (Table 8). This register controls
the port outputs if the blink function is disabled. A
duplicate register, the blink phase 1 register, is also
used if the blink function is enabled (Table 9). In blink
mode, the port outputs can be flipped between using
the blink phase 0 register and the blink phase 1 regis-
ter using software control (the blink flip flag in the con-
figuration register) (Table 4).
PWM Intensity Control
The MAX7315 includes an internal oscillator, nominally
32kHz, to generate PWM timing for LED intensity con-
trol. PWM intensity control can be enabled on an out-
put-by-output basis, allowing the MAX7315 to provide
any mix of PWM LED drives and glitch-free logic out-
puts (Table 10). PWM can be disabled entirely, in
which case all output ports are static and the MAX7315
operating current is lowest because the internal oscilla-
tor is turned off.
PWM intensity control uses a 4-bit master control and 4
bits of individual control per output (Tables 13, 14). The
4-bit master control provides 16 levels of overall intensi-
ty control, which applies to all PWM-enabled output
ports. The master control sets the maximum pulse
width from 1/15 to 15/15 of the PWM time period. The
individual settings comprise a 4-bit number further
reducing the duty cycle to be from 1/16 to 15/16 of the
time window set by the master control.
For applications requiring the same PWM setting for all
output ports, a single global PWM control can be used
instead of all the individual controls to simplify the con-
trol software and provide 240 steps of intensity control
(Tables 10 and 13).
Standby Mode
When the serial interface is idle and the PWM intensity
control is unused, the MAX7315 automatically enters
standby mode. If the PWM intensity control is used, the
operating current is slightly higher because the internal
PWM oscillator is running. When the serial interface is
active, the operating current also increases because
the MAX7315, like all I2C slaves, has to monitor every
transmission.
Serial Interface
Serial Addressing
The MAX7315 operates as a slave that sends and
receives data through an I2C-compatible 2-wire inter-
face. The interface uses a serial data line (SDA) and a
serial clock line (SCL) to achieve bidirectional commu-
nication between master(s) and slave(s). A master (typ-
ically a microcontroller) initiates all data transfers to and
from the MAX7315 and generates the SCL clock that
synchronizes the data transfer (Figure 2).
The MAX7315 SDA line operates as both an input and
an open-drain output. A pullup resistor, typically 4.7k
Ω,
is required on SDA. The MAX7315 SCL line operates
8-Port I/O Expander with LED Intensity
Control and Interrupt
_______________________________________________________________________________________
7
Figure 2. 2-Wire Serial Interface Timing Details
SCL
SDA
tR
tF
tBUF
START
CONDITION
STOP
CONDITION
REPEATED START CONDITION
START CONDITION
tSU,STO
tHD,STA
tSU,STA
tHD,DAT
tSU,DAT
tLOW
tHIGH
tHD,STA


Similar Part No. - MAX7315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7315 MAXIM-MAX7315 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315AEE MAXIM-MAX7315AEE Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315ATE MAXIM-MAX7315ATE Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315AUE MAXIM-MAX7315AUE Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
More results

Similar Description - MAX7315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
   10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX6946 MAXIM-MAX6946 Datasheet
267Kb / 24P
   10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Rev 3; 2/08
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com