Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CR-BWV Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H7CR-BWV
Description  Digital Counter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-BWV Datasheet(HTML) 3 Page - Omron Electronics LLC

  H7CR-BWV Datasheet HTML 1Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 2Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 3Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 4Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 5Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 6Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 7Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 8Page - Omron Electronics LLC H7CR-BWV Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
H7CR
H7CR
Model
H7CR-A Series
H7CR-B Series
H7CR-C Series
Classification
Preset counter (economy)
Preset counter (standard)
Preset counter (+/– range)
Mounting
Flush mounting
External connections
Screw terminals
Degree of protection
IEC: IP54 (panel surface)
Output modes
N, F
N, F, C, R, K, P, Q, A
K, D, L, H
Input modes
Up, down, reversible A (command inputs), reversible B (individual
Reversible A (command inputs),
inputs), reversible C (phase difference inputs)
reversible B (individual inputs),
reversible C (phase difference
inputs)
Reset system
External and manual resets
External, manual, and auto-
External and manual resets
matic (internal according to C,
R, P, and Q mode operation)
resets
External: closing contacts 6 & 7
External: closing contacts 6 & 7
Manual: pressing reset button
Manual: pressing reset button
(
certain models only)(certain models only)
Automatic: available only in
modes C, R, P, and Q
Scaling function
None
0.001 to 99.999 or 9.999
0.001 to 99.999
Decimal point
None
Rightmost 3 digits
adjustments
Sensor power
None
12 or 24 VDC
supply
Input signals
Count, reset
Count, reset, key protect
Input method
No-voltage input: Via opening and closing of contact
Voltage input: Via high and low signal voltage
Key protect (standard and +/–range counters): No-voltage inputs only
Control output
SPST-NO contact or transistor
Single preset types:
(NPN open collector) output
One SPST-NO contact or transistor (NPN open collector) output
Double preset types:
Two SPST-NO contacts or transistor (NPN open collector) output
Displays
7-segment LCD present value and preset displays; LCD character indicators for outputs, power, and modes
Display type
LCD; 8mm (0.32 in.) H Present Value,
Backlit LCD; 8 mm (0.24 in.) H Present Value,
4 mm (0.16 in.) H Set Value
4 mm (0.16 in.) H Set Value
Digits
6 digits, 0 to 999,999
6 or 4 digits; 0 to 999,999
6 digits positive/5 digits
or 0 to 9,999
negative, -99,999 to 999,999
Memory backup
Backup time for power interruption: Approx. 10 years at 20
°C (68°F); non-replaceable lithium battery
Specifications
s GENERAL CAPABILITIES


Similar Part No. - H7CR-BWV

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CR-BWV

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
   Digital counter
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
   DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
   Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
   Digital LCD Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com