Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMD31020BCF-T Datasheet(PDF) 10 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BCF-T
Description  Sensor Signal Conditioner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCF-T Datasheet(HTML) 10 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BCF-T Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-T Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
10/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
ZMD31020‘s analog output stage consists of an 11-bit resistor-string linear DAC, which converts the MSB-
portion of the corrected sensor signal, followed by an output buffer amplifier, designed for full supply voltage
range output swing and generating the output voltage VOUT.
VOUT presents the actual corrected sensor signal as an analog voltage on a linear voltage scale with 11 bits
resolution. The output voltage is ratiometric to the supply voltage (VDDA – VSSA).
Furthermore it exhibits low- and high-side scale limits; either limit is programmable and clamping to these limit
values is performed digitally by the CMC (see section 2.7 and the ZMD31020 Functional Description).
VOUT will change as corrected sensor signal values become available, hence with a refresh rate of about 10ms.
VOUT can source/sink a maximum load current of 2mA.
3.
ELECTRICAL SPECIFICATION
(all voltages referred to VSSA)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Analog supply voltage
VDDA
-0.3
6.5
V
Digital supply voltage
VDD
to VSS
-0.3
6.5
V
Voltage at all digital I/O
VD_I/O
to VSS
-0.3
VDD+0.3
V
Voltage at all analog I/O
VA_I/O
-0.3
VDDA+0.3
V
Guaranteed
ESD-immunity
at all pins, HBM
-2
2
kV
Guaranteed
latch-up immunity
at all pins
-100
100
mA
Storage temperature
TSTG
-40
150
°C
Average storage- and
operation temperature for
15 years time of
operation
100
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDDA = VDD
to VSSA = VSS
4.5
5
5.5
V
Ambient temperature
TAMB
-40
125
°C
Bridge resistance
RBR
1
10
kΩ
Capacitance
CVDD(A)
between VDD = VDDA
and VSS = VSSA
100
220
470
nF
2.10 The Analog Output Stage
3.1
Absolute maximum ratings
3.2
Operating Conditions


Similar Part No. - ZMD31020BCF-T

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEB ZMD-ZMD31010CEB Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEC ZMD-ZMD31010CEC Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CED ZMD-ZMD31010CED Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZMD31020BCF-T

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
logo
Integrated Device Techn...
ZSSC416X IDT-ZSSC416X Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
logo
Texas Instruments
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com