Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL62H256ASK35G1 Datasheet(PDF) 6 Page - Zentrum Mikroelektronik Dresden AG

Part # UL62H256ASK35G1
Description  Low Voltage Automotive Fast 32K x 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

UL62H256ASK35G1 Datasheet(HTML) 6 Page - Zentrum Mikroelektronik Dresden AG

Back Button UL62H256ASK35G1 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG UL62H256ASK35G1 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
May 07, 2004
UL62H256A
Data Retention Mode
E - controlled
Data Retention
3.0 V
tsu(DR)
trec
VCC
E
VCC(DR) ≥ 2 V
0 V
2.2 V
2.2 V
VCC(DR) - 0.2 V ≤ VE(DR) ≤ VCC(DR) + 0.3 V
Data Retention
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Alt.
IEC
Data Retention Supply Voltage
VCC(DR)
2V
Data Retention Supply Current
ICC(DR) VCC(DR) = 2V
VE
= VCC(DR) - 0.2 V
K-Type
A-Type
5
20
µA
µA
Data Retention Setup Time
tCDR
tsu(DR)
See Data Retention
Waveforms (above)
0ns
Operating Recovery Time
tR
trec
tcR
ns
Test Configuration for Functional Check
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VIH
VIL
VSS
VCC
3.0 V
1076
1260
VO
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
E
W
G
30 pF e
e In measurement of tdis(E),tdis(W), ten(E), ten(W), ten(G) the capacitance is 5 pF.


Similar Part No. - UL62H256ASK35G1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL62 UTC-UL62 Datasheet
121Kb / 4P
   HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
UL620-15 ETC2-UL620-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 NEMA 5-15/20R Outlets and 15-ft. Cord with NEMA 5-20P Plug
More results

Similar Description - UL62H256ASK35G1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256 Datasheet
331Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
   LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com